Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9313USI Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9313USI
Description  Terminal Voltages -5V, 32 Taps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9313USI Datasheet(HTML) 3 Page - Intersil Corporation

  X9313USI Datasheet HTML 1Page - Intersil Corporation X9313USI Datasheet HTML 2Page - Intersil Corporation X9313USI Datasheet HTML 3Page - Intersil Corporation X9313USI Datasheet HTML 4Page - Intersil Corporation X9313USI Datasheet HTML 5Page - Intersil Corporation X9313USI Datasheet HTML 6Page - Intersil Corporation X9313USI Datasheet HTML 7Page - Intersil Corporation X9313USI Datasheet HTML 8Page - Intersil Corporation X9313USI Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN8177.2
September 9, 2005
X9313UM-3*
13UD
3 to 5.5
50
0 to 70
8 Ld MSOP
X9313UMZ-3* (Note)
DDD
0 to 70
8 Ld MSOP (Pb-free)
X9313UMI-3*
13UE
-40 to 85
8 Ld MSOP
X9313UMIZ-3* (Note)
13UE Z
-40 to 85
8 Ld MSOP (Pb-free)
X9313UP-3
X9313UP D
0 to 70
8 Ld PDIP
X9313US-3*
X9313U D
0 to 70
8 Ld SOIC
X9313USZ-3* (Note)
X9313U Z D
0 to 70
8 Ld SOIC (Pb-free)
X9313WM-3*
13WD
10
0 to 70
8 Ld MSOP
X9313WMZ-3* (Note)
DDG
0 to 70
8 Ld MSOP (Pb-free)
X9313WMI-3*
13WE
-40 to 85
8 Ld MSOP
X9313WMIZ-3* (Note)
13WE Z
-40 to 85
8 Ld MSOP (Pb-free)
X9313WP-3
X9313WP D
0 to 70
8 Ld PDIP
X9313WS-3*
X9313W D
0 to 70
8 Ld SOIC
X9313WSZ-3* (Note)
X9313W Z D
0 to 70
8 Ld SOIC (Pb-free)
X9313ZM-3*
13ZD
1
0 to 70
8 Ld MSOP
X9313ZMZ-3* (Note)
DDK
0 to 70
8 Ld MSOP (Pb-free)
X9313ZMI-3*
13ZE
-40 to 85
8 Ld MSOP
X9313ZMIZ-3* (Note)
13ZE Z
-40 to 85
8 Ld MSOP (Pb-free)
X9313ZP-3
X9313ZP D
0 to 70
8 Ld PDIP
X9313ZS-3*
X9313Z D
0 to 70
8 Ld SOIC
X9313ZSZ-3* (Note)
X9313Z Z D
0 to 70
8 Ld SOIC (Pb-free)
X9313ZSI-3*
X9313Z E
-40 to 85
8 Ld SOIC
X9313ZSIZ-3* (Note)
X9313Z Z E
-40 to 85
8 Ld SOIC (Pb-free)
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
*Add "T1" suffix for tape and reel.
Ordering Information (Continued)
PART NUMBER
PART MARKING
VCC RANGE
(V)
RTOTAL
(k
Ω)
TEMPERATURE
RANGE
(°C)
PACKAGE
X9313


Similar Part No. - X9313USI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9313USI XICOR-X9313USI Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9313USI INTERSIL-X9313USI Datasheet
277Kb / 12P
   Digitally Controlled Potentiometer
X9313USI INTERSIL-X9313USI Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9313USI INTERSIL-X9313USI Datasheet
284Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
logo
Xicor Inc.
X9313USI3 XICOR-X9313USI3 Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
More results

Similar Description - X9313USI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313ZSIZT1 INTERSIL-X9313ZSIZT1 Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages ± VCC
October 7, 2015
X9314 INTERSIL-X9314 Datasheet
233Kb / 9P
   Terminal Voltage -5V, 32 Taps, Log Taper
X9313UMIZ INTERSIL-X9313UMIZ Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 Vcc
October 7, 2015
X9313USIZT1 INTERSIL-X9313USIZT1 Datasheet
284Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
X9511WP INTERSIL-X9511WP Datasheet
198Kb / 9P
   Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
logo
Renesas Technology Corp
X9314 RENESAS-X9314 Datasheet
443Kb / 8P
   Terminal Voltages 짹5V, 32 Taps, Log Taper Single Digitally Controlled Potentiometer (XDCP??
X9313 RENESAS-X9313 Datasheet
579Kb / 12P
   Digitally Controlled Potentiometer (XDCP?? Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
logo
Intersil Corporation
X9C303P INTERSIL-X9C303P Datasheet
255Kb / 10P
   Terminal Voltage ±5V, 100 Taps, Log Taper
January 30, 2009
ISL95711 INTERSIL-ISL95711 Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
ISL23711 INTERSIL-ISL23711 Datasheet
270Kb / 9P
   Terminal Voltage - 3V or - 5V, 128 Taps IC Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com