Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9269TS24I-2.7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9269TS24I-2.7
Description  Single Supply/Low Power/256-Tap/2-Wire Bus
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9269TS24I-2.7 Datasheet(HTML) 5 Page - Intersil Corporation

  X9269TS24I-2.7 Datasheet HTML 1Page - Intersil Corporation X9269TS24I-2.7 Datasheet HTML 2Page - Intersil Corporation X9269TS24I-2.7 Datasheet HTML 3Page - Intersil Corporation X9269TS24I-2.7 Datasheet HTML 4Page - Intersil Corporation X9269TS24I-2.7 Datasheet HTML 5Page - Intersil Corporation X9269TS24I-2.7 Datasheet HTML 6Page - Intersil Corporation X9269TS24I-2.7 Datasheet HTML 7Page - Intersil Corporation X9269TS24I-2.7 Datasheet HTML 8Page - Intersil Corporation X9269TS24I-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
FN8173.1
March 28, 2005
PRINCIPLES OF OPERATION
The X9269 is a integrated microcircuit incorporating
four resistor arrays and their associated registers and
counters and the serial interface logic providing direct
communication between the host and the digitally
controlled potentiometers. This section provides detail
description of the following:
– Resistor Array Description
– Serial Interface Description
– Instruction and Register Description.
Array Description
The X9269 is comprised of a resistor array (See Figure
1). Each array contains 255 discrete resistive segments
that are connected in series. The physical ends of each
array are equivalent to the fixed terminals of a
mechanical potentiometer (RH and RL inputs).
At both ends of each array and between each resistor
segment is a CMOS switch connected to the wiper
(RW) output. Within each individual array only one
switch may be turned on at a time.
These switches are controlled by a Wiper Counter
Register (WCR). The 8-bits of the WCR (WCR[7:0])
are decoded to select, and enable, one of 256
switches (See Table 1).
The WCR may be written directly. These Data
Registers can the WCR can be read and written by the
host system.
Power-up and Down Requirements.
There are no restrictions on the power-up or power-
down conditions of VCC and the voltages applied to
the potentiometer pins provided that VCC is always
more positive than or equal to VH, VL, and VW, i.e.,
VCC ≥ VH, VL, VW. The VCC ramp rate specification is
always in effect.
Figure 1. Detailed Potentiometer Block Diagram
SERIAL DATA PATH
FROM INTERFACE
CIRCUITRY
REGISTER 0
REGISTER 1
REGISTER 2
REGISTER 3
SERIAL
BUS
INPUT
PARALLEL
BUS
INPUT
COUNTER
REGISTER
INC/DEC
LOGIC
UP/DN
CLK
MODIFIED SCL
UP/DN
RH
RL
RW
8
8
C
O
U
N
T
E
R
D
E
C
O
D
E
IF WCR = 00[H] THEN RW = RL
IF WCR = FF[H] THEN RW = RH
WIPER
(WCR)
One of Two Potentiometers
(DR0)
(DR1)
(DR2)
(DR3)
X9269


Similar Part No. - X9269TS24I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9269TS24I-2.7 XICOR-X9269TS24I-2.7 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9269TS24I-2.7 INTERSIL-X9269TS24I-2.7 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
logo
Renesas Technology Corp
X9269TS24I-2.7 RENESAS-X9269TS24I-2.7 Datasheet
923Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
More results

Similar Description - X9269TS24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9259 INTERSIL-X9259 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
logo
Renesas Technology Corp
X9279 RENESAS-X9279 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9279 INTERSIL-X9279 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9268 INTERSIL-X9268 Datasheet
368Kb / 24P
   Dual Supply/Low Power/256-Tap/2-Wire Bus
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Renesas Technology Corp
X9261 RENESAS-X9261 Datasheet
442Kb / 20P
   Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9119 INTERSIL-X9119 Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9269 RENESAS-X9269 Datasheet
923Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com