Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9314WS Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9314WS
Description  Terminal Voltage -5V, 32 Taps, Log Taper
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9314WS Datasheet(HTML) 5 Page - Intersil Corporation

  X9314WS Datasheet HTML 1Page - Intersil Corporation X9314WS Datasheet HTML 2Page - Intersil Corporation X9314WS Datasheet HTML 3Page - Intersil Corporation X9314WS Datasheet HTML 4Page - Intersil Corporation X9314WS Datasheet HTML 5Page - Intersil Corporation X9314WS Datasheet HTML 6Page - Intersil Corporation X9314WS Datasheet HTML 7Page - Intersil Corporation X9314WS Datasheet HTML 8Page - Intersil Corporation X9314WS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FN8178.1
September 15, 2005
NOTE:
1. This parameter is periodically sampled and not 100% tested.
Power-up and Down Requirement
The are no restrictions on the sequencing of VCC and the
voltages applied to the potentiometer pins during power-up
or power-down conditions. During power-up, the data sheet
parameters for the DCP do not fully apply until 1 millisecond
after VCC reaches its final value. The VCC ramp rate spec is
always in effect.
Absolute Maximum Ratings
Recommended Operating Conditions
Temperature under bias . . . . . . . . . . . . . . . . . . . . . .-65
°C to +135°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on CS, INC, U/D, and
VCC with respect to VSS . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
Voltage on VH/RH and VL/RL referenced
to VSS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -8V to +8V
∆V = |VH/RH - VL/RL| . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10V
Lead temperature (soldering 10 seconds) . . . . . . . . . . . . . . . . 300°C
Wiper current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±1mA
IW (10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±8.8mA
Temperature (Commercial) . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Temperature (Industrial). . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage (VCC) Limits
X9314. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ± 10%
X9314-2.7. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 5.5V
CAUTION: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; the functional
operation of the device (at these or any other conditions above those listed in the operational sections of this specification) is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Potentiometer Characteristics
(Over recommended operating conditions unless otherwise stated.)
SYMBOL
PARAMETER
TEST CONDITIONS/NOTES
LIMITS
MIN
TYP
MAX
UNITS
RTOTAL
End to End Resistance Tolerance
±20
%
VH/RH Terminal Voltage
-5
+5
V
VVL/RL
VL/RL Terminal Voltage
-5
+5
V
Power Rating
at 25°C
10
mW
RW
Wiper Resistance
IW = ±1mA, VCC = 5V
40
100
IW
Wiper Current
±4.4
mA
Noise
Ref: 1kHz
-120
dBV
Relative variation. Error in step size
between taps.
log (Rw(n)) - log Rw(n - 1))
0.07-
0.003
0.07 + 0.003
RTOTAL Temperature Coefficient
for -40°C to +85°C
±600
ppm/°C
Ratiometric Temperature Coefficient
±20
ppm/°C
CH/CL/CW Potentiometer Capacitance
See Circuit #3
10/10/25
pF
X9314


Similar Part No. - X9314WS

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9314WS XICOR-X9314WS Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9314WS INTERSIL-X9314WS Datasheet
216Kb / 9P
   Single Digitally Controlled Potentiometer
X9314WS-3 INTERSIL-X9314WS-3 Datasheet
216Kb / 9P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9314WS3 XICOR-X9314WS3 Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9314WSI XICOR-X9314WSI Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
More results

Similar Description - X9314WS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C303P INTERSIL-X9C303P Datasheet
255Kb / 10P
   Terminal Voltage ±5V, 100 Taps, Log Taper
January 30, 2009
logo
Renesas Technology Corp
X9314 RENESAS-X9314 Datasheet
443Kb / 8P
   Terminal Voltages 짹5V, 32 Taps, Log Taper Single Digitally Controlled Potentiometer (XDCP??
X9C303 RENESAS-X9C303 Datasheet
534Kb / 10P
   Logarithmic Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹5V, 100 Taps, Log Taper
logo
Intersil Corporation
X9313 INTERSIL-X9313 Datasheet
276Kb / 11P
   Terminal Voltages -5V, 32 Taps
X9511WP INTERSIL-X9511WP Datasheet
198Kb / 9P
   Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
logo
Maxim Integrated Produc...
MAX5408 MAXIM-MAX5408 Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
logo
Intersil Corporation
ISL95711 INTERSIL-ISL95711 Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
ISL23711 INTERSIL-ISL23711 Datasheet
270Kb / 9P
   Terminal Voltage - 3V or - 5V, 128 Taps IC Serial Interface
ISL23710 INTERSIL-ISL23710 Datasheet
232Kb / 8P
   Terminal Voltage -3V or -5V, 128 Taps Up/Down Interface
ISL95710 INTERSIL-ISL95710 Datasheet
238Kb / 8P
   Terminal Voltage 3V or 5V, 128 Taps Up/Down Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com