Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33466H-30JT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC33466H-30JT1
Description  FIXED FREQUENCY PWM MICROPOWER DC-to-DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33466H-30JT1 Datasheet(HTML) 3 Page - ON Semiconductor

  MC33466H-30JT1 Datasheet HTML 1Page - ON Semiconductor MC33466H-30JT1 Datasheet HTML 2Page - ON Semiconductor MC33466H-30JT1 Datasheet HTML 3Page - ON Semiconductor MC33466H-30JT1 Datasheet HTML 4Page - ON Semiconductor MC33466H-30JT1 Datasheet HTML 5Page - ON Semiconductor MC33466H-30JT1 Datasheet HTML 6Page - ON Semiconductor MC33466H-30JT1 Datasheet HTML 7Page - ON Semiconductor MC33466H-30JT1 Datasheet HTML 8Page - ON Semiconductor MC33466H-30JT1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC33466
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = 2.0 V, IO = 10 mA and TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OSCILLATOR
Frequency
LX output
EXT output
fosc
40
80
50
100
60
120
kHz
Oscillator Minimum Startup Voltage (IO = 0 mA)
Vstart
0.8
0.9
V
Oscillator Minimum Supply Voltage (IO = 0 mA)
VCC
0.7
V
LX OUTPUT (JT1 SUFFIX)
ON State Sink Current (VLx = 0.4 V)
ILx
mA
30KT1 Suffix
60
33KT1 Suffix
63
50KT1 Suffix
80
VLx Voltage Limit (Note 1)
VLxLim
0.65
0.8
1.0
V
OFF State Leakage Current (VLx = 6.0 V)
ILKG
0.5
µA
EXT OUTPUT (LT1 SUFFIX)
ON State Source Current (VEXT = VO – 0.4 V)
Isource
mA
30LT1 Suffix
1.5
33LT1 Suffix
1.575
50LT1 Suffix
2.0
OFF State Sink Current (VEXT = 0.4 V)
Isink
mA
30LT1 Suffix
1.5
33LT1 Suffix
1.575
50LT1 Suffix
2.0
TOTAL DEVICE
Maximum Duty Ratio Each Cycle
D
70
80
90
%
Output Voltage
VO
V
30KT1 or 30LT1 Suffix
2.925
3.0
3.075
33KT1 or 33LT1 Suffix
3.218
3.3
3.383
50KT1 or 50LT1 Suffix
4.875
5.0
5.125
Soft–Start Time (Note 2)
Tss
0.5
2.0
ms
Quiescent Bias Current (Vin = 2.0 V, IO = 0 mA)
IQ
µA
30JT1 Suffix
15
25
33JT1 Suffix
17
27
50JT1 Suffix
30
45
Quiescent Bias Current (Vin = VO + 0.5 V, IO = 0 mA)
30JT1 Suffix
1.2
5.0
33JT1 Suffix
1.2
5.0
50JT1 Suffix
2.0
5.0
Quiescent Bias Current (Vin = 2.0 V, IO = 0 mA)
IQ
µA
30LT1 Suffix
30
50
33LT1 Suffix
34.5
56
50LT1 Suffix
60
90
Quiescent Bias Current (Vin = VO + 0.5 V, IO = 0 mA)
30LT1 Suffix
1.2
5.0
33LT1 Suffix
1.2
5.0
50LT1 Suffix
2.0
5.0
NOTES: 1. When the Lx switch is turned on, ILx current carried through the RDS(on) of the Lx switch results in VLx. When VLx reaches VLxLim, the Lx switch is
turned off by the Lx switch protection circuit.
2. The soft–start circuit turn–on sequence is as follows:
a) Vin is applied.
b) The internal IC Vref is held at zero for 200 µs. During this time, the error amplifier output voltage ramps up to the positive voltage rail.
c) The internal reference steps up to 0.7 V after 200
µs delay has timed out.
d) The error amplifier output voltage integrates down to its steady state value. As the error amplifier output integrates down, the output Lx pin of EXT
pin pulse width gradually widens to its steady operating value.


Similar Part No. - MC33466H-30JT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3346 MOTOROLA-MC3346 Datasheet
62Kb / 4P
   GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS
logo
ON Semiconductor
MC3346 ONSEMI-MC3346 Datasheet
147Kb / 5P
   General Purpose Transistor Array One Differentially Connected Pair
July, 2006 ??Rev. 2
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-09ATR ONSEMI-MC33460SQ-09ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-20ATR ONSEMI-MC33460SQ-20ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
More results

Similar Description - MC33466H-30JT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33468 ONSEMI-MC33468 Datasheet
101Kb / 8P
   VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
Rev 1, 09/1999
MC33463 ONSEMI-MC33463 Datasheet
164Kb / 12P
   VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
1999 REV 1
logo
Semtech Corporation
SC1417B SEMTECH-SC1417B Datasheet
185Kb / 11P
   MicroPower, 620kHz PWM, Step-up DC/DC Converter
logo
Linear Technology
LT1073 LINER-LT1073_15 Datasheet
264Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107_15 Datasheet
217Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173_15 Datasheet
267Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_15 Datasheet
247Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073 Datasheet
1Mb / 19P
   Micropower DC-DC Converter Ajustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com