Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9261UV24-2.7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9261UV24-2.7
Description  Single Supply/Low Power/256-Tap/SPI Bus
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9261UV24-2.7 Datasheet(HTML) 4 Page - Intersil Corporation

  X9261UV24-2.7 Datasheet HTML 1Page - Intersil Corporation X9261UV24-2.7 Datasheet HTML 2Page - Intersil Corporation X9261UV24-2.7 Datasheet HTML 3Page - Intersil Corporation X9261UV24-2.7 Datasheet HTML 4Page - Intersil Corporation X9261UV24-2.7 Datasheet HTML 5Page - Intersil Corporation X9261UV24-2.7 Datasheet HTML 6Page - Intersil Corporation X9261UV24-2.7 Datasheet HTML 7Page - Intersil Corporation X9261UV24-2.7 Datasheet HTML 8Page - Intersil Corporation X9261UV24-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
FN8171.2
September 14, 2005
PIN CONFIGURATION
PIN ASSIGNMENTS
PIN DESCRIPTIONS
Bus Interface Pins
SERIAL OUTPUT (SO)
SO is a serial data output pin. During a read cycle,
data is shifted out on this pin. Data is clocked out by
the falling edge of the serial clock.
SERIAL INPUT
SI is the serial data input pin. All opcodes, byte
addresses and data to be written to the pots and pot
registers are input on this pin. Data is latched by the
rising edge of the serial clock.
SERIAL CLOCK (SCK)
The SCK input is used to clock data into and out of the
X9261.
HOLD (HOLD)
HOLD is used in conjunction with the CS pin to select
the device. Once the part is selected and a serial
sequence is underway, HOLD may be used to pause
the serial communication with the controller without
resetting the serial sequence. To pause, HOLD must
be brought LOW while SCK is LOW. To resume
communication, HOLD is brought HIGH, again while
SCK is LOW. If the pause feature is not used, HOLD
should be held HIGH at all times.
DEVICE ADDRESS (A1 - A0)
The address inputs are used to set the 4-bit slave
address. A match in the slave address serial data
stream must be made with the address input in order
to initiate communication with the X9261.
CHIP SELECT (CS)
When CS is HIGH, the X9261 is deselected and the
SO pin is at high impedance, and (unless an internal
write cycle is underway) the device will be in the
standby state. CS LOW enables the X9261, placing it
in the active power mode. It should be noted that after
a power-up, a HIGH to LOW transition on CS is
required prior to the start of any operation.
Pin
(SOIC/
TSSOP) Symbol
Function
1
SO
Serial Data Output for SPI bus
2
A0
Device Address for SPI bus.
3
NC
No Connect.
4
NC
No Connect.
5
NC
No Connect.
6
NC
No Connect.
7VCC
System Supply Voltage
8RL0
Low Terminal for Potentiometer 0.
9RH0
High Terminal for Potentiometer 0.
10
RW0
Wiper Terminal for Potentiometer 0.
11
CS
Device Address for SPI bus.
12
WP
Hardware Write Protect
13
SI
Serial Data Input for SPI bus
14
A1
Device Address for SPI bus.
15
RL1
Low Terminal for Potentiometer 1.
16
RH1
High Terminal for Potentiometer 1.
17
RW1
Wiper Terminal for Potentiometer 1.
18
VSS
System Ground
19
NC
No Connect
20
NC
No Connect
21
NC
No Connect
22
NC
No Connect
23
SCK
Serial Clock for SPI bus
24
HOLD
Device select. Pause the SPI serial bus.
SO
A0
NC
NC
VCC
RL0
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
HOLD
SCK
NC
NC
NC
NC
VSS
RW1
RH1
RL1
SOIC/TSSOP
X9261
NC
14
13
11
12
NC
RH0
RW0
CS
A1
SI
WP
X9261


Similar Part No. - X9261UV24-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9261UV24 INTERSIL-X9261UV24 Datasheet
362Kb / 20P
   Dual Digitally-Controlled Potentiometers
logo
Renesas Technology Corp
X9261UV24 RENESAS-X9261UV24 Datasheet
442Kb / 20P
   Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9261UV24Z INTERSIL-X9261UV24Z Datasheet
362Kb / 20P
   Dual Digitally-Controlled Potentiometers
logo
Renesas Technology Corp
X9261UV24Z RENESAS-X9261UV24Z Datasheet
442Kb / 20P
   Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
More results

Similar Description - X9261UV24-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Renesas Technology Corp
X9261 RENESAS-X9261 Datasheet
442Kb / 20P
   Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9260 INTERSIL-X9260 Datasheet
407Kb / 25P
   Dual Supply/Low Power/256-Tap/SPI bus
logo
Renesas Technology Corp
X9260 RENESAS-X9260 Datasheet
434Kb / 23P
   Dual Supply/Low Power/256-Tap/SPI bus
August 29, 2006
logo
Intersil Corporation
X9251US24Z INTERSIL-X9251US24Z Datasheet
438Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled Potentiometer
December 3, 2014
logo
Renesas Technology Corp
X9271 RENESAS-X9271 Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9111 INTERSIL-X9111 Datasheet
359Kb / 18P
   Single Supply/Low Power/1024-Tap/SPI Bus
X9259 INTERSIL-X9259 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
logo
Renesas Technology Corp
X9251 RENESAS-X9251 Datasheet
849Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com