Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9259TS24IZ-2.7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9259TS24IZ-2.7
Description  Single Supply/Low Power/256-Tap/2-Wire bus
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9259TS24IZ-2.7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9259TS24IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X9259TS24IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X9259TS24IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9259TS24IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9259TS24IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9259TS24IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9259TS24IZ-2.7 Datasheet HTML 9Page - Intersil Corporation X9259TS24IZ-2.7 Datasheet HTML 10Page - Intersil Corporation X9259TS24IZ-2.7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
FN8169.2
September 16, 2005
Identification Byte
The first byte sent to the X9259 from the host is called the
Identification Byte. The most significant four bits are a
Device Type Identifier, ID[3:0] bits, which must be 0101.
Refer to Table 3.
Only the device which Slave Address matches the incoming
device address sent by the master executes the instruction.
The A3 - A0 inputs can be actively driven by CMOS input
signals or tied to VCC or VSS.
INSTRUCTION BYTE (I)
The next byte sent to the X9259 contains the instruction and
register pointer information. The four most significant bits are
used provide the instruction opcode I [3:0]. The RB and RA
bits point to one of the four data registers of each associated
XDCP. The least two significant bits point to one of four
Wiper Counter Registers or DCPs. The format is shown in
Table 4.
Data Register Selection
#: 0, 1, 2, or 3
The least significant four bits of the Identification Byte are
the Slave Address bits, AD[3:0]. To access the X9259, these
four bits must match the logic values of pins A3, A2, A1, and
A0.
SDA
SCL
START
DATA
DATA
STOP
STABLE CHANGE
DATA
STABLE
FIGURE 2. VALID DATA CHANGES, START, AND STOP CONDITIONS
SDA Output from
Transmitter
SDA Output from
Receiver
8
1
9
START
ACK
SCL from
Master
FIGURE 3. ACKNOWLEDGE RESPONSE FROM RECEIVER
REGISTER
RB
RA
DR#0
0
0
DR#1
0
1
DR#2
1
0
DR#3
1
1
X9259


Similar Part No. - X9259TS24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9259TS24IZ-2.7 INTERSIL-X9259TS24IZ-2.7 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
More results

Similar Description - X9259TS24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9279 RENESAS-X9279 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9269 INTERSIL-X9269 Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9279 INTERSIL-X9279 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9268 INTERSIL-X9268 Datasheet
368Kb / 24P
   Dual Supply/Low Power/256-Tap/2-Wire Bus
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Renesas Technology Corp
X9261 RENESAS-X9261 Datasheet
442Kb / 20P
   Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9119 INTERSIL-X9119 Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9269 RENESAS-X9269 Datasheet
923Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com