Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9315 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9315
Description  Low Noise, Low Power, 32 Taps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9315 Datasheet(HTML) 2 Page - Intersil Corporation

  X9315 Datasheet HTML 1Page - Intersil Corporation X9315 Datasheet HTML 2Page - Intersil Corporation X9315 Datasheet HTML 3Page - Intersil Corporation X9315 Datasheet HTML 4Page - Intersil Corporation X9315 Datasheet HTML 5Page - Intersil Corporation X9315 Datasheet HTML 6Page - Intersil Corporation X9315 Datasheet HTML 7Page - Intersil Corporation X9315 Datasheet HTML 8Page - Intersil Corporation X9315 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN8179.1
September 15, 2005
Ordering Information
PART NUMBER
PART MARKING
VCC LIMITS
(V)
RTOTAL
(k
Ω)
TEMP RANGE
(°C)
PACKAGE
X9315WM*
AAW
5 ±10%
10
0 to 70
8 Ld MSOP
X9315WMZ* (Note)
DDT
0 to 70
8 Ld MSOP (Pb-free)
X9315WMI*
AAX
-40 to 85
8 Ld MSOP
X9315WMIZ* (Note)
AKW
-40 to 85
8 Ld MSOP (Pb-free)
X9315WP
X9315WP
0 to 70
8 Ld PDIP
X9315WPI
X9315WP I
-40 to 85
8 Ld PDIP
X9315WS*
X9315W
0 to 70
8 Ld SOIC
X9315WSZ* (Note)
X9315W Z
0 to 70
8 Ld SOIC (Pb-free)
X9315WSI*
X9315W I
-40 to 85
8 Ld SOIC
X9315WSIZ* (Note)
X9315W Z I
-40 to 85
8 Ld SOIC (Pb-free)
X9315UM*
50
0 to 70
8 Ld MSOP
X9315UMZ* (Note)
DDS
0 to 70
8 Ld MSOP (Pb-free)
X9315UMI*
AEB
-40 to 85
8 Ld MSOP
X9315UMIZ* (Note)
DDR
-40 to 85
8 Ld MSOP (Pb-free)
X9315UP
X9315UP
0 to 70
8 Ld PDIP
X9315UPI
X9315UP I
-40 to 85
8 Ld PDIP
X9315US*
X9315U
0 to 70
8 Ld SOIC
X9315USZ* (Note)
X9315U Z
0 to 70
8 Ld SOIC (Pb-free)
X9315USI*
X9315U I
-40 to 85
8 Ld SOIC
X9315USIZ* (Note)
X9315U Z I
-40 to 85
8 Ld SOIC (Pb-free)
X9315TM*
AEJ
100
0 to 70
8 Ld MSOP
X9315TMZ* (Note)
DDN
0 to 70
8 Ld MSOP (Pb-free)
X9315TMI*
ADZ
-40 to 85
8 Ld MSOP
X9315TMIZ* (Note)
DDL
-40 to 85
8 Ld MSOP (Pb-free)
X9315TP
X9315TP
0 to 70
8 Ld PDIP
X9315TPI
X9315TP I
-40 to 85
8 Ld PDIP
X9315TS*
X9315T
0 to 70
8 Ld SOIC
X9315TSZ* (Note)
X9315T Z
0 to 70
8 Ld SOIC (Pb-free)
X9315TSI*
X9315T I
-40 to 85
8 Ld SOIC
X9315TSIZ* (Note)
X9315T Z I
-40 to 85
8 Ld SOIC (Pb-free)
X9315


Similar Part No. - X9315

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9315 XICOR-X9315 Datasheet
73Kb / 13P
   E 2 POT TM Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9315 INTERSIL-X9315 Datasheet
347Kb / 16P
   Digitally Controlled Potentiometer (XDCP??
X9315 INTERSIL-X9315 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9315 RENESAS-X9315 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9315 INTERSIL-X9315 Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results

Similar Description - X9315

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156WM8IZ-2.7T1 INTERSIL-X93156WM8IZ-2.7T1 Datasheet
190Kb / 7P
   Low Noise, Low Power, 3 wire Up/Down, 32 Taps
logo
Renesas Technology Corp
X93154 RENESAS-X93154 Datasheet
433Kb / 8P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL22511WFB8Z INTERSIL-ISL22511WFB8Z Datasheet
485Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511WFB8Z INTERSIL-ISL23511WFB8Z Datasheet
490Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511 INTERSIL-ISL23511 Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
logo
Renesas Technology Corp
X9315 RENESAS-X9315 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9317 INTERSIL-X9317 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com