Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9259UV24Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9259UV24Z
Description  Single Supply/Low Power/256-Tap/2-Wire bus
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9259UV24Z Datasheet(HTML) 5 Page - Intersil Corporation

  X9259UV24Z Datasheet HTML 1Page - Intersil Corporation X9259UV24Z Datasheet HTML 2Page - Intersil Corporation X9259UV24Z Datasheet HTML 3Page - Intersil Corporation X9259UV24Z Datasheet HTML 4Page - Intersil Corporation X9259UV24Z Datasheet HTML 5Page - Intersil Corporation X9259UV24Z Datasheet HTML 6Page - Intersil Corporation X9259UV24Z Datasheet HTML 7Page - Intersil Corporation X9259UV24Z Datasheet HTML 8Page - Intersil Corporation X9259UV24Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
FN8169.2
September 16, 2005
Principles of Operation
The X9259 is an integrated circuit incorporating four DCPs
and their associated registers and counters, and the serial
interface providing direct communication between a host
and the potentiometers.
DCP Description
Each DCP is implemented with a combination of resistor
elements and CMOS switches. The physical ends of each
DCP are equivalent to the fixed terminals of a mechanical
potentiometer (RH and RL pins). The RW pin is an
intermediate node, equivalent to the wiper terminal of a
mechanical potentiometer.
The position of the wiper terminal within the DCP is
controlled by an 8-bit volatile Wiper Counter Register
(WCR).
Power Up and Down Recommendations
There are no restrictions on the power-up or power-down
conditions of VCC and the voltages applied to the
potentiometer pins provided that VCC is always more
positive than or equal to VH, VL, and VW, i.e., VCC ≥ VH, VL,
VW. The VCC ramp rate specification is always in effect.
Wiper Counter Register (WCR)
The X9259 contains four Wiper Counter Registers, one for
each potentiometer. The Wiper Counter Register can be
envisioned as a 8-bit parallel and serial load counter with its
outputs decoded to select one of 256 wiper positions along
its resistor array. The contents of the WCR can be altered in
four ways: it may be written directly by the host via the Write
Wiper Counter Register instruction (serial load); it may be
written indirectly by transferring the contents of one of four
associated data registers via the XFR Data Register
instruction (parallel load); it can be modified one step at a
time by the Increment/Decrement instruction (see Instruction
section for more details). Finally, it is loaded with the
contents of its data register zero (DR#0) upon power-up.
(See Figure 1.)
The Wiper Counter Register is a volatile register; that is, its
contents are lost when the X9259 is powered-down.
Although the register is automatically loaded with the value
in DR#0 upon power-up, this may be different from the value
present at power-down. Power-up guidelines are
recommended to ensure proper loadings of the DR#0 value
into the WCR# (See Design Considerations Section).
Data Registers (DR)
Each of the four DCPs has four 8-bit non-volatile Data
Registers. These can be read or written directly by the host.
Data can also be transferred between any of the four data
registers and the associated Wiper Counter Register. All
operations changing data in one of the data registers is a
non-volatile operation and takes a maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, the Data Registers can be
used as regular memory locations for system parameters or
user preference data.
Bit [7:0] are used to store one of the 256 wiper positions
(0~255).
TABLE 1. WIPER COUNTER REGISTER, WCR (8-bit), WCR[7:0]: Used to store the current wiper position (Volatile).
TABLE 2. DATA REGISTER, DR (8-BIT), BIT [7:0]: Used to store wiper positions or data (Non-volatile).
WCR7
WCR6
WCR5
WCR4
WCR3
WCR2
WCR1
WCR0
(MSB)
(LSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(MSB)
(LSB)
X9259


Similar Part No. - X9259UV24Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9259UV24Z INTERSIL-X9259UV24Z Datasheet
431Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP) Potentiometers
December 12, 2014
logo
Renesas Technology Corp
X9259UV24Z RENESAS-X9259UV24Z Datasheet
866Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP?? Potentiometers
logo
Intersil Corporation
X9259UV24Z-2.7 INTERSIL-X9259UV24Z-2.7 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9259UV24Z-2.7 INTERSIL-X9259UV24Z-2.7 Datasheet
431Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP) Potentiometers
December 12, 2014
logo
Renesas Technology Corp
X9259UV24Z-2.7 RENESAS-X9259UV24Z-2.7 Datasheet
866Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP?? Potentiometers
More results

Similar Description - X9259UV24Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9279 RENESAS-X9279 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9269 INTERSIL-X9269 Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9279 INTERSIL-X9279 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9268 INTERSIL-X9268 Datasheet
368Kb / 24P
   Dual Supply/Low Power/256-Tap/2-Wire Bus
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Renesas Technology Corp
X9261 RENESAS-X9261 Datasheet
442Kb / 20P
   Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9119 INTERSIL-X9119 Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9269 RENESAS-X9269 Datasheet
923Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com