Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9251TV24Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9251TV24Z
Description  Single Supply/Low Power/256-Tap/SPI Bus
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9251TV24Z Datasheet(HTML) 5 Page - Intersil Corporation

  X9251TV24Z Datasheet HTML 1Page - Intersil Corporation X9251TV24Z Datasheet HTML 2Page - Intersil Corporation X9251TV24Z Datasheet HTML 3Page - Intersil Corporation X9251TV24Z Datasheet HTML 4Page - Intersil Corporation X9251TV24Z Datasheet HTML 5Page - Intersil Corporation X9251TV24Z Datasheet HTML 6Page - Intersil Corporation X9251TV24Z Datasheet HTML 7Page - Intersil Corporation X9251TV24Z Datasheet HTML 8Page - Intersil Corporation X9251TV24Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
FN8166.2
September 14, 2005
Figure 1. Detailed Potentiometer Block Diagram
Power Up and Down Recommendations.
There are no restrictions on the power-up or power-
down conditions of VCC and the voltages applied to
the potentiometer pins provided that VCC is always
more positive than or equal to VH, VL, and VW, i.e.,
VCC ≥ VH, VL, VW. The VCC ramp rate specification is
always in effect.
Wiper Counter Register (WCR)
The X9251 contains four Wiper Counter Registers,
one for each potentiometer. The Wiper Counter
Register can be envisioned as a 8-bit parallel and
serial load counter with its outputs decoded to select
one of 256 wiper positions along its resistor array. The
contents of the WCR can be altered in four ways: it
may be written directly by the host via the Write Wiper
Counter Register instruction (serial load); it may be
written indirectly by transferring the contents of one of
four associated data registers via the XFR Data
Register instruction (parallel load); it can be modified
one step at a time by the Increment/Decrement
instruction (See Instruction section for more details).
Finally, it is loaded with the contents of its Data
Register zero (DR#0) upon power-up. (See Figure 1.)
The wiper counter register is a volatile register; that is,
its contents are lost when the X9251 is powered-down.
Although the register is automatically loaded with the
value in DR#0 upon power-up, this may be different
from the value present at power-down. Power-up
guidelines
are
recommended
to
ensure
proper
loadings of the DR#0 value into the WCR#.
Data Registers (DR)
Each of the four DCPs has four 8-bit non-volatile Data
Registers. These can be read or written directly by the
host. Data can also be transferred between any of the
four Data Registers and the associated Wiper Counter
Register. All operations changing data in one of the
Data Registers is a non-volatile operation and takes a
maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, the Data Registers can
be used as regular memory locations for system
parameters or user preference data.
Bits [7:0] are used to store one of the 256 wiper
positions or data (0~255).
Status Register (SR)
This 1-bit Status Register is used to store the system
status.
WIP: Write In Progress status bit, read only.
– When WIP=1, indicates that high-voltage write cycle
is in progress.
– When WIP=0, indicates that no high-voltage write
cycle is in progress.
SERIAL DATA PATH
FROM INTERFACE
CIRCUITRY
DR#0
SERIAL
BUS
INPUT
PARALLEL
BUS
INPUT
COUNTER
REGISTER
INC/DEC
LOGIC
UP/DN
CLK
MODIFIED SCK
UP/DN
8
8
COUNTER
IF WCR = 00[H] then RW is closet to RL
IF WCR = FF[H] then RW is closet to RH
WIPER
(WCR#)
#: 0, 1, 2, or 3
One of Four Potentiometers
DR#2
DR#1
DR#3
- - -
DECODE
DCP
CORE
RW
RH
RL
X9251


Similar Part No. - X9251TV24Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9251TV24Z-2.7 INTERSIL-X9251TV24Z-2.7 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
More results

Similar Description - X9251TV24Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Renesas Technology Corp
X9261 RENESAS-X9261 Datasheet
442Kb / 20P
   Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9260 INTERSIL-X9260 Datasheet
407Kb / 25P
   Dual Supply/Low Power/256-Tap/SPI bus
logo
Renesas Technology Corp
X9260 RENESAS-X9260 Datasheet
434Kb / 23P
   Dual Supply/Low Power/256-Tap/SPI bus
August 29, 2006
logo
Intersil Corporation
X9251US24Z INTERSIL-X9251US24Z Datasheet
438Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled Potentiometer
December 3, 2014
logo
Renesas Technology Corp
X9271 RENESAS-X9271 Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9111 INTERSIL-X9111 Datasheet
359Kb / 18P
   Single Supply/Low Power/1024-Tap/SPI Bus
X9259 INTERSIL-X9259 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
logo
Renesas Technology Corp
X9251 RENESAS-X9251 Datasheet
849Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com