Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9252TV24I-2.7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9252TV24I-2.7
Description  Low Power Quad 256-Tap 2-Wire Bus Up/Down Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9252TV24I-2.7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9252TV24I-2.7 Datasheet HTML 7Page - Intersil Corporation X9252TV24I-2.7 Datasheet HTML 8Page - Intersil Corporation X9252TV24I-2.7 Datasheet HTML 9Page - Intersil Corporation X9252TV24I-2.7 Datasheet HTML 10Page - Intersil Corporation X9252TV24I-2.7 Datasheet HTML 11Page - Intersil Corporation X9252TV24I-2.7 Datasheet HTML 12Page - Intersil Corporation X9252TV24I-2.7 Datasheet HTML 13Page - Intersil Corporation X9252TV24I-2.7 Datasheet HTML 14Page - Intersil Corporation X9252TV24I-2.7 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN8167.1
September 14, 2005
Nonvolatile Write Acknowledge Polling
After a nonvolatile write command sequence is correctly
issued (including the final STOP condition), the X9252
initiates an internal high voltage write cycle. This cycle
typically requires 5ms. During this time, any Read or Write
command is ignored by the X9252. Write Acknowledge
Polling is used to determine whether a high voltage write
cycle is completed.
During acknowledge polling, the master first issues a START
condition followed by a Slave Address Byte. The Slave
Address Byte contains the X9252’s Device Type Identifier
and Device Address. The LSB of the Slave Address (R/W)
can be set to either 1 or 0 in this case. If the device is busy
within the high voltage cycle, then no ACK is returned. If the
high voltage cycle is completed, an ACK is returned and the
master can then proceed with a new Read or Write
operation. (Refer to figure 5.)
2-Wire Serial Interface Operation
X9252 Digital Potentiometer Register Organization
Refer to the Functional Diagram on page 2. There are four
Digitally Controlled Potentiometers, referred to as DCPi,
i=0,1,2,3. Each potentiometer has one volatile Wiper Control
Register (WCR) with the corresponding number, WCRi,
i=0,1,2,3. Each potentiometer also has four nonvolatile
registers to store wiper position or general data, these are
numbered DRi0, DRi1, DRi2 and DRi3, i=0,1,2,3.
The registers are organized in five pages of four, with one
page consisting of the WCRi (i=0-3), a second page
containing the DRi0 (i=0-3), a third page containing the
DRi1, and so forth. These pages can be written to four bytes
at time. In this manner all four potentiometer WCRs can be
updated in a single serial write (see “Page Write Operation”),
as well as all four registers of a given page in the DR array.
The unique feature of the X9252 device is that writing or
reading to a Data Register of a given DCP automatically
updates/moves the WCR of that DCP with the content of the
DR. In this manner data can be moved from a particular DCP
register to that DCP’s WCR just by performing a 2-wire read
operation. Simultaneously, that data byte can be utilized by
the host.
Status Register Organization
The Status Register (SR) is used in read and write
operations to select the appropriate DCP register. Before
any DCP register can be accessed, the SR must be set to
the correct value. It is accessed by setting the Address Byte
to 07h (See Table 3). Do this by Writing the Slave Address
followed by a Byte Address of 07h. The SR is volatile and
defaults to 00h on power up. It is an 8-bit register containing
three control bits in the 3 LSBs as follows:
Bits DRSel1 and DRSel0 determine which Data Register of a
DCP is selected for a given operation. NVEnable is used to
select the volatile WCR if “0”, and one of the nonvolatile
DCP registers if “1”. Table 2 shows this register organization.
“Store” operations using the Up/Down interface require that
bits DRSel1 and DRSel0 are set to “0”.
ACK returned?
Issue Slave Address
Byte (Read or Write)
Byte load completed by issuing
STOP. Enter ACK Polling
Issue STOP
Issue START
NO
YES
NO
Continue normal Read or Write
command sequence
PROCEED
YES
complete. Continue command
sequence.
High Voltage
Issue STOP
FIGURE 5. ACKNOWLEDGE POLLING SEQUENCE
7
6543
2
1
0
Reserved
DRSel1
DRSel0
NVEnable
X9252


Similar Part No. - X9252TV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9252TV24I-2.7 XICOR-X9252TV24I-2.7 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
More results

Similar Description - X9252TV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9252 RENESAS-X9252 Datasheet
800Kb / 19P
   Low Power Quad 256-tap 2-Wire Bus Up/Down Interface Quad Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9268 INTERSIL-X9268 Datasheet
368Kb / 24P
   Dual Supply/Low Power/256-Tap/2-Wire Bus
X9259 INTERSIL-X9259 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
logo
Renesas Technology Corp
X9279 RENESAS-X9279 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9269 INTERSIL-X9269 Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9279 INTERSIL-X9279 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
logo
Maxim Integrated Produc...
MAX5450 MAXIM-MAX5450 Datasheet
607Kb / 12P
   Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
logo
Intersil Corporation
X9259US24Z INTERSIL-X9259US24Z Datasheet
431Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP) Potentiometers
December 12, 2014
logo
Renesas Technology Corp
X9259 RENESAS-X9259 Datasheet
866Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP?? Potentiometers
X9268 RENESAS-X9268 Datasheet
850Kb / 22P
   Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com