Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9252TS24I-2.7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9252TS24I-2.7
Description  Low Power Quad 256-Tap 2-Wire Bus Up/Down Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9252TS24I-2.7 Datasheet(HTML) 4 Page - Intersil Corporation

  X9252TS24I-2.7 Datasheet HTML 1Page - Intersil Corporation X9252TS24I-2.7 Datasheet HTML 2Page - Intersil Corporation X9252TS24I-2.7 Datasheet HTML 3Page - Intersil Corporation X9252TS24I-2.7 Datasheet HTML 4Page - Intersil Corporation X9252TS24I-2.7 Datasheet HTML 5Page - Intersil Corporation X9252TS24I-2.7 Datasheet HTML 6Page - Intersil Corporation X9252TS24I-2.7 Datasheet HTML 7Page - Intersil Corporation X9252TS24I-2.7 Datasheet HTML 8Page - Intersil Corporation X9252TS24I-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
FN8167.1
September 14, 2005
Absolute Maximum Ratings
Recommended Operating Conditions
Junction Temperature under bias. . . . . . . . . . . . . . .-65
°C to +135°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65
°C to +150°C
Voltage at any digital interface pin
with respect to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
Voltage at any DCP pin with
respect to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to VCC
Lead temperature (soldering, 10s). . . . . . . . . . . . . . . . . . . . . . 300
°C
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Commercial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage (VCC)(Note 4) Limits . . . . . . . . . . . . . . . 2.7V to 5.5V
CAUTION: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional operation
of the device (at these or any other conditions above those listed in the operational sections of this specification) is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Analog Specifications
Over recommended operating conditions unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 4)
MAX
UNIT
RTOTAL
End to end resistance
Y, W, U, T versions respectively
2.8, 10,
50, 100
k
End to end resistance tolerance
-20
+20
%
Power rating
25°C, each DCP
50
mW
RTOTAL
Matching
DCP to DCP resistance matching
0.75
2.0
%
IW (Note 5) Wiper current
See test circuit
-3.0
+3.0
mA
RW
Wiper resistance
Wiper current =
50
150
VTERM
Voltage on any DCP pin
Vss
Vcc
V
Noise (Note 5)
Ref: 1kHz
-120
dBV
Resolution
0.4
%
Absolute linearity (Note 1)
V(RH0)=V(RH1)=V(RH2)=V(RH3)=VCC
V(RL0)=V(RL1)=V(RL2)=V(RL3)=VSS
-1
+1
MI
(Note 3)
Relative linearity (Note 2)
-0.3
+0.3
MI
(Note 3)
Temperature coefficient of resistance
(Note 5)
±300
ppm/
°C
Ratiometric Temperature (Note 5)
Coefficient
-20
+20
ppm/°C
CH/CL/CW Potentiometer Capacitance (Note 5)
See equivalent circuit
10/10/25
pF
IOL
Leakage on DCP pins
Voltage at pin from VSS to VCC
0.1
10
µA
VCC
RTOTAL
DC Electrical Specifications
Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNITS
ICC1
VCC supply current (Volatile write/read)
fSCL = 400kHz;SDA = Open; (for 2-Wire, Active,
Read and Volatile Write States only)
3mA
ICC2
VCC supply current (active)
fSCL = 200kHz;
(for U/D interface, increment, decrement)
3mA
ICC3
VCC supply current (nonvolatile write)
fSCL = 400kHz; SDA = Open;
(for 2-Wire, Active, Nonvolatile Write State only)
5mA
ISB
VCC current (standby)
VCC = +5.5V; VIN = VSS or VCC; SDA = VCC;
(for 2-Wire, Standby State only)
20
µA
X9252


Similar Part No. - X9252TS24I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9252TV24-2.7 XICOR-X9252TV24-2.7 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
X9252TV24I-2.7 XICOR-X9252TV24I-2.7 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
More results

Similar Description - X9252TS24I-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9252 RENESAS-X9252 Datasheet
800Kb / 19P
   Low Power Quad 256-tap 2-Wire Bus Up/Down Interface Quad Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9268 INTERSIL-X9268 Datasheet
368Kb / 24P
   Dual Supply/Low Power/256-Tap/2-Wire Bus
X9259 INTERSIL-X9259 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
logo
Renesas Technology Corp
X9279 RENESAS-X9279 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9269 INTERSIL-X9269 Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9279 INTERSIL-X9279 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
logo
Maxim Integrated Produc...
MAX5450 MAXIM-MAX5450 Datasheet
607Kb / 12P
   Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
logo
Intersil Corporation
X9259US24Z INTERSIL-X9259US24Z Datasheet
431Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP) Potentiometers
December 12, 2014
logo
Renesas Technology Corp
X9259 RENESAS-X9259 Datasheet
866Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP?? Potentiometers
X9268 RENESAS-X9268 Datasheet
850Kb / 22P
   Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com