Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9250UV24-2.7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9250UV24-2.7
Description  Low Noise/Low Power/SPI Bus/256 Taps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9250UV24-2.7 Datasheet(HTML) 4 Page - Intersil Corporation

  X9250UV24-2.7 Datasheet HTML 1Page - Intersil Corporation X9250UV24-2.7 Datasheet HTML 2Page - Intersil Corporation X9250UV24-2.7 Datasheet HTML 3Page - Intersil Corporation X9250UV24-2.7 Datasheet HTML 4Page - Intersil Corporation X9250UV24-2.7 Datasheet HTML 5Page - Intersil Corporation X9250UV24-2.7 Datasheet HTML 6Page - Intersil Corporation X9250UV24-2.7 Datasheet HTML 7Page - Intersil Corporation X9250UV24-2.7 Datasheet HTML 8Page - Intersil Corporation X9250UV24-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN8165.1
March 25, 2005
Figure 1. Detailed Potentiometer Block Diagram
Write in Process
The contents of the Data Registers are saved to
nonvolatile memory when the CS pin goes from LOW
to HIGH after a complete write sequence is received
by the device. The progress of this internal write
operation can be monitored by a write in process bit
(WIP). The WIP bit is read with a read status
command.
INSTRUCTIONS
Identification (ID) Byte
The first byte sent to the X9250 from the host,
following a CS going HIGH to LOW, is called the
Identification byte. The most significant four bits of the
slave address are a device type identifier, for the
X9250 this is fixed as 0101[B] (refer to Figure 2).
The two least significant bits in the ID byte select one
of four devices on the bus. The physical device
address is defined by the state of the A0 - A1 input
pins. The X9250 compares the serial data stream with
the address input state; a successful compare of both
address bits is required for the X9250 to successfully
continue the command sequence. The A0 - A1 inputs
can be actively driven by CMOS input signals or tied to
VCC or VSS.
The remaining two bits in the slave byte must be set to 0.
Figure 2. Identification Byte Format
Instruction Byte
The next byte sent to the X9250 contains the
instruction and register pointer information. The four
most significant bits are the instruction. The next four
bits point to one of the four pots and, when applicable,
they point to one of four associated registers. The
format is shown below in Figure 3.
Figure 3. Instruction Byte Format
Serial Data Path
From Interface
Circuitry
Register 0
Register 1
Register 2
Register 3
Serial
Bus
Input
Parallel
Input
Counter
Register
Inc/Dec
Logic
UP/DN
CLK
Modified SCK
UP/DN
VH/RH
VL/RL
VW/RW
88
C
o
u
n
t
e
r
D
e
c
o
d
e
If WCR = 00[H] then VW/RW = VL/RL
If WCR = FF[H] then VW/RW = VH/RH
Wiper
(One of Four Arrays)
(WCR)
Bus
1
00
0
0
A1
A0
Device Type
Identifier
Device Address
1
I1
I2
I3
I0
R1
R0
P1
P0
Pot Select
Register
Select
Instructions
X9250


Similar Part No. - X9250UV24-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9250UV24-2.7 XICOR-X9250UV24-2.7 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9250UV24-2.7 INTERSIL-X9250UV24-2.7 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
X9250UV24-2.7 INTERSIL-X9250UV24-2.7 Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
logo
Renesas Technology Corp
X9250UV24-2.7 RENESAS-X9250UV24-2.7 Datasheet
822Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps Quad Digitally Controlled Potentiometers (XDCP??
More results

Similar Description - X9250UV24-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 INTERSIL-ISL95810_06 Datasheet
1Mb / 13P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90842 INTERSIL-ISL90842 Datasheet
1Mb / 12P
   Low Noise, Low Power, I2C Bus, 256 Taps
ISL90841 INTERSIL-ISL90841 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL22313TFU10Z INTERSIL-ISL22313TFU10Z Datasheet
620Kb / 15P
   Low Noise, Low Power, I2C짰 Bus, 256 Taps
July 17, 2007
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com