Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9250TV24I Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9250TV24I
Description  Low Noise/Low Power/SPI Bus/256 Taps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9250TV24I Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9250TV24I Datasheet HTML 6Page - Intersil Corporation X9250TV24I Datasheet HTML 7Page - Intersil Corporation X9250TV24I Datasheet HTML 8Page - Intersil Corporation X9250TV24I Datasheet HTML 9Page - Intersil Corporation X9250TV24I Datasheet HTML 10Page - Intersil Corporation X9250TV24I Datasheet HTML 11Page - Intersil Corporation X9250TV24I Datasheet HTML 12Page - Intersil Corporation X9250TV24I Datasheet HTML 13Page - Intersil Corporation X9250TV24I Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FN8165.1
March 25, 2005
ABSOLUTE MAXIMUM RATINGS
Temperature under bias......................... -65 to +135
°C
Storage temperature ............................. -65 to +150
°C
Voltage on SCK, SCL or any address input
with respect to VSS ................................. -1V to +7V
Voltage on V+ (referenced to VSS) ........................ 10V
Voltage on V- (referenced to VSS) ........................-10V
(V+) - (V-)............................................................... 12V
Any VH/RH...............................................................V+
Any VL/RL................................................................. V-
Lead temperature (soldering, 10 seconds) ........ 300
°C
IW (10 seconds)................................................±15mA
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
POTENTIOMETER CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Notes: (1) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a
potentiometer.
(2) Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potentiom-
eter. It is a measure of the error in step size.
(3) MI = RTOT/255 or (VH/RH - VL/RL)/255, single pot
(4) Individual array resolutions.
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Unit
End to end resistance tolerance
±20
%
Power rating
50
mW
25°C, each pot
IW
Wiper current
±7.5
mA
RW
Wiper resistance
150
250
Wiper current =
± 1mA
Vv+
Voltage on V+ pin
X9250
+4.5
+5.5
V
X9250-2.7
+2.7
+5.5
Vv-
Voltage on V- pin
X9250
-5.5
-4.5
V
X9250-2.7
-5.5
-2.7
VTERM
Voltage on any VH/RH or VL/RL pin
V-
V+
V
Noise
-120
dBV
Ref: 1kHz
Resolution (4)
0.6
%
Absolute linearity (1)
±1
MI(3)
Vw(n)(actual) - Vw(n)(expected)
Relative linearity (2)
±0.6
MI(3)
Vw(n + 1 - [Vw(n) + MI]
Temperature coefficient of RTOTAL
±300
ppm/°C
Ratiometric Temperature
Coefficient
±20
ppm/°C
CH/CL/CW Potentiometer Capacitances
10/10/25
pF
See Circuit #3
RECOMMENDED OPERATING CONDITIONS
Temp
Min.
Max.
Commercial
0
°C+70°C
Industrial
-40
°C+85°C
Device
Supply Voltage (VCC) Limits
(4)
X9250
5V
± 10%
X9250-2.7
2.7V to 5.5V
X9250


Similar Part No. - X9250TV24I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9250TV24I XICOR-X9250TV24I Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9250TV24I INTERSIL-X9250TV24I Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
X9250TV24I INTERSIL-X9250TV24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
logo
Renesas Technology Corp
X9250TV24I RENESAS-X9250TV24I Datasheet
822Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps Quad Digitally Controlled Potentiometers (XDCP??
logo
Xicor Inc.
X9250TV24I-2.7 XICOR-X9250TV24I-2.7 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
More results

Similar Description - X9250TV24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 INTERSIL-ISL95810_06 Datasheet
1Mb / 13P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90842 INTERSIL-ISL90842 Datasheet
1Mb / 12P
   Low Noise, Low Power, I2C Bus, 256 Taps
ISL90841 INTERSIL-ISL90841 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL22313TFU10Z INTERSIL-ISL22313TFU10Z Datasheet
620Kb / 15P
   Low Noise, Low Power, I2C짰 Bus, 256 Taps
July 17, 2007
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com