Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33464 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC33464
Description  MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33464 Datasheet(HTML) 3 Page - ON Semiconductor

  MC33464 Datasheet HTML 1Page - ON Semiconductor MC33464 Datasheet HTML 2Page - ON Semiconductor MC33464 Datasheet HTML 3Page - ON Semiconductor MC33464 Datasheet HTML 4Page - ON Semiconductor MC33464 Datasheet HTML 5Page - ON Semiconductor MC33464 Datasheet HTML 6Page - ON Semiconductor MC33464 Datasheet HTML 7Page - ON Semiconductor MC33464 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC33464
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (For all values TA = 25°C (Note 1), unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
COMPARATOR
Threshold Voltage
V
High State Output (Vin Decreasing)
VIH
09 Suffix
0.878
0.9
0.922
20 Suffix
1.95
2.0
2.05
21 Suffix
2.048
2.1
2.152
27 Suffix
2.633
2.7
2.768
30 Suffix
2.925
3.0
3.075
43 Suffix
4.193
4.3
4.407
45 Suffix
4.388
4.5
4.613
48 Suffix
4.680
4.8
4.920
Threshold Hysteresis
VH
V
09 Suffix
0.027
0.045
0.063
20 Suffix
0.060
0.100
0.140
21 Suffix
0.063
0.105
0.147
27 Suffix
0.081
0.135
0.189
30 Suffix
0.090
0.150
0.210
43 Suffix
0.129
0.215
0.301
45 Suffix
0.135
0.225
0.315
48 Suffix
0.144
0.240
0.336
Threshold Voltage Temperature Coefficient
TC
±100
PPM/
°C
RESET OUTPUT
Output Voltage
V
High State (Complementary Output: Isource = 1.0 mA)
VOH
Vin – 2.1
Vin – 1.0
Vin
Low State (Complementary or Open Drain: Isink = 1.0 mA)
VOL
0.025
0.05
Output Sink Current (Vin = 1.5 V, VOL = 0.5 V)
IOL
1.0
2.0
mA
Output Source Current (Vin = 4.5 V, VOL = 2.4 V)
IOH
1.0
2.0
mA
TOTAL DEVICE
Operating Input Voltage Range
Vin
0.7 to 10
V
Quiescent Input Current
Iin
µA
Vin = 2.9 V
0.9
2.7
Vin = 5.6 V
1.2
3.6
Propagation Delay Time (Note 2)
tp
100
µs
NOTES: 1. Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
2. Propagation delay time is measured from the rising or falling edge of the input voltage to the point where the output voltage has transitioned to 50%
of its final value.


Similar Part No. - MC33464

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3346 MOTOROLA-MC3346 Datasheet
62Kb / 4P
   GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS
logo
ON Semiconductor
MC3346 ONSEMI-MC3346 Datasheet
147Kb / 5P
   General Purpose Transistor Array One Differentially Connected Pair
July, 2006 ??Rev. 2
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-09ATR ONSEMI-MC33460SQ-09ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-20ATR ONSEMI-MC33460SQ-20ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
More results

Similar Description - MC33464

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34164 ONSEMI-MC34164 Datasheet
139Kb / 14P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
August, 2005 ??Rev. 16
logo
National Semiconductor ...
LM8364 NSC-LM8364 Datasheet
199Kb / 8P
   Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34164 ONSEMI-MC34164_16 Datasheet
148Kb / 12P
   Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
MC34164 ONSEMI-MC34164_09 Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
logo
Texas Instruments
LM8364 TI1-LM8364 Datasheet
797Kb / 14P
[Old version datasheet]   Micropower Undervoltage Sensing Circuits
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
National Semiconductor ...
LM8365 NSC-LM8365 Datasheet
264Kb / 9P
   Micropower Undervoltage Sensing Circuits with Programmable Output Delay
logo
ON Semiconductor
MC33465 ONSEMI-MC33465 Datasheet
131Kb / 8P
   Micropower Undervoltage Sensing Circuits with Programmable Ouput Delay
October, 1999 ??Rev. 3
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com