Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5043S8-2.7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X5043S8-2.7
Description  CPU Supervisor with 4K SPI EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5043S8-2.7 Datasheet(HTML) 4 Page - Intersil Corporation

  X5043S8-2.7 Datasheet HTML 1Page - Intersil Corporation X5043S8-2.7 Datasheet HTML 2Page - Intersil Corporation X5043S8-2.7 Datasheet HTML 3Page - Intersil Corporation X5043S8-2.7 Datasheet HTML 4Page - Intersil Corporation X5043S8-2.7 Datasheet HTML 5Page - Intersil Corporation X5043S8-2.7 Datasheet HTML 6Page - Intersil Corporation X5043S8-2.7 Datasheet HTML 7Page - Intersil Corporation X5043S8-2.7 Datasheet HTML 8Page - Intersil Corporation X5043S8-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
FN8126.1
September 16, 2005
X5043P-2.7A
X5043P AN X5045P-2.7A
X5045P AN
2.7-5.5V
2.85-3.0
0 to 70
8 Ld PDIP
X5043PZ-2.7A (Note)
X5043P Z AN X5045PZ-2.7A (Note)
X5045P Z AN
0 to 70
8 Ld PDIP (Pb-free)
X5043PI-2.7A
X5043P AP X5045PI-2.7A
X5045P AP
-40 to 85
8 Ld PDIP
X5043PIZ-2.7A (Note) X5043P Z AP X5045PIZ-2.7A (Note) X5045P Z AP
-40 to 85
8 Ld PDIP (Pb-free)
X5043S8-2.7A*
X5043 AN
X5045S8-2.7A
X5045 AN
0 to 70
8 Ld SOIC
X5043S8Z-2.7A*
(Note)
X5043 Z AN X5045S8Z-2.7A
(Note)
X5045 Z AN
0 to 70
8 Ld SOIC (Pb-free)
X5043S8I-2.7A*
X5043 AP
X5045S8I-2.7A
X5045 AP
-40 to 85
8 Ld SOIC
X5043S8IZ-2.7A*
(Note)
X5043 Z AP X5045S8IZ-2.7A
(Note)
X5045 Z AP
-40 to 85
8 Ld SOIC
(Pb-free)
X5043M8-2.7A*
AEQ
X5045M8-2.7A
AEZ
0 to 70
8 Ld MSOP
X5043M8Z-2.7A
(Note)
DBR
X5045M8Z-2.7A
(Note)
DCA
0 to 70
8 Ld MSOP (Pb-free)
X5043M8I-2.7A*
AER
X5045M8I-2.7A
AFA
-40 to 85
8 Ld MSOP
X5043M8IZ-2.7A*
(Note)
DBL
X5045M8IZ-2.7A
(Note)
DBW
-40 to 85
8 Ld MSOP (Pb-free)
X5043V14I-2.7A
X5045V14I-2.7A
-40 to 85
14 Ld TSSOP
X5043P-2.7
X5043P F
X5045P-2.7
X5045P F
2.55-2.7
0 to 70
8 Ld PDIP
X5043PZ-2.7 (Note)
X5043P Z F X5045PZ-2.7 (Note)
X5045P Z F
0 to 70
8 Ld PDIP (Pb-free)
X5043PI-2.7
X5043P G
X5045PI-2.7
X5045P G
-40 to 85
8 Ld PDIP
X5043PIZ-2.7 (Note)
X5043P Z G X5045PIZ-2.7 (Note)
X5045P Z G
-40 to 85
8 Ld PDIP (pb-free)
-
-
X5045S-2.7*
0 to 70
8 Ld SOIC
-
-
X5045SI-2.7*
-40 to 85
8 Ld SOIC
X5043S8-2.7*
X5043 F
X5045S8-2.7*
X5045 F
0 to 70
8 Ld SOIC
X5043S8Z-2.7* (Note)
X5043 Z F
X5045S8Z-2.7* (Note)
X5045 Z F
0 to 70
8 Ld SOIC (Pb-free)
X5043S8I-2.7*
X5043 G
X5045S8I-2.7*
X5045 G
-40 to 85
8 Ld SOIC
X5043S8IZ-2.7* (Note)
X5043 Z G
X5045S8IZ-2.7*
(Note)
X5045 Z G
-40 to 85
8 Ld SOIC (Pb-free)
X5043M8-2.7
AES
X5045M8-2.7
AFB
0 to 70
8 Ld MSOP
X5043M8Z-2.7 (Note)
DBP
X5045M8Z-2.7 (Note)
DBZ
0 to 70
8 Ld MSOP (Pb-free)
X5043M8I-2.7*
AET
X5045M8I-2.7
AFC
-40 to 85
8 Ld MSOP
X5043M8IZ-2.7*
(Note)
DBK
X5045M8IZ-2.7*
(Note)
DBU
-40 to 85
8 Ld MSOP (Pb-free)
X5043V14I-2.7
X5043V G
X5045V14I-2.7
X5045V G
-40 to 85
14 Ld TSSOP
*Add "-T1" suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Ordering Information (Continued)
PART NUMBER
RESET
(ACTIVE LOW)
PART
MARKING
PART NUMBER
RESET
(ACTIVE HIGH)
PART
MARKING
VCC
RANGE
VTRIP
RANGE
TEMP
RANGE
(°C)
PACKAGE
X5043, X5045


Similar Part No. - X5043S8-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X5043S8-2.7 XICOR-X5043S8-2.7 Datasheet
108Kb / 20P
   CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5043S8-2.7 INTERSIL-X5043S8-2.7 Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8-2.7A INTERSIL-X5043S8-2.7A Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
More results

Similar Description - X5043S8-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043 INTERSIL-X5043_06 Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZT1 INTERSIL-X5043S8IZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
logo
Xicor Inc.
X5043 XICOR-X5043 Datasheet
108Kb / 20P
   CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5043S8ZT1 INTERSIL-X5043S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8ZT1 INTERSIL-X5045S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZ INTERSIL-X5043S8IZ Datasheet
399Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
September 23, 2015
logo
Renesas Technology Corp
X5043 RENESAS-X5043 Datasheet
844Kb / 21P
   4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com