Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9221AYS Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9221AYS
Description  64 Taps, 2-Wire Serial Bus
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9221AYS Datasheet(HTML) 5 Page - Intersil Corporation

  X9221AYS Datasheet HTML 1Page - Intersil Corporation X9221AYS Datasheet HTML 2Page - Intersil Corporation X9221AYS Datasheet HTML 3Page - Intersil Corporation X9221AYS Datasheet HTML 4Page - Intersil Corporation X9221AYS Datasheet HTML 5Page - Intersil Corporation X9221AYS Datasheet HTML 6Page - Intersil Corporation X9221AYS Datasheet HTML 7Page - Intersil Corporation X9221AYS Datasheet HTML 8Page - Intersil Corporation X9221AYS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN8163.1
September 14, 2005
Instruction Structure
The next byte sent to the X9221A contains the instruc-
tion and register pointer information. The four most
significant bits are the instruction. The next four bits
point to one of two pots and when applicable they
point to one of four associated registers. The format is
shown below in Figure 2.
Figure 2. Instruction Byte Format
t
The four high order bits define the instruction. The
sixth bit (P0) selects which one of the two potentiome-
ters is to be affected by the instruction. The last two
bits (R1 and R0) select one of the four registers that is
to be acted upon when a register oriented instruction
is issued.
Four of the nine instructions end with the transmission
of the instruction byte. The basic sequence is illus-
trated in Figure 3. These two-byte instructions
exchange data between the WCR and one of the data
registers. A transfer from a data register to a WCR is
essentially a write to a static RAM. The response of
the wiper to this action will be delayed tSTPWV. A
transfer from WCR’s current wiper position to a data
register is a write to nonvolatile memory and takes a
minimum of tWR to complete. The transfer can occur
between either potentiometer and their associated
registers or it may occur between both of the potenti-
ometers and one of their associated registers.
Four instructions require a three-byte sequence to
complete. These instructions transfer data between
the host and the X9221A; either between the host and
one of the data registers or directly between the host
and the WCR. These instructions are: Read WCR,
read the current wiper position of the selected pot;
Write WCR, change current wiper position of the
selected pot; Read Data Register, read the contents of
the selected nonvolatile register; Write Data Register,
write a new value to the selected data register. The
sequence of operations is shown in Figure 4.
The Increment/Decrement command is different from
the other commands. Once the command is issued
and the X9221A has responded with an acknowledge,
the master can clock the selected wiper up and/or
down in one segment steps; thereby, providing a fine
tuning capability to the host. For each SCL clock pulse
(tHIGH) while SDA is HIGH, the selected wiper will
move one resistor segment towards the VH/RH termi-
nal. Similarly, for each SCL clock pulse while SDA is
LOW, the selected wiper will move one resistor seg-
ment towards the VL/RL terminal. A detailed illustra-
tion of the sequence and timing for this operation are
shown in Figures 5 and 6 respectively.
Figure 3. Two-Byte Command Sequence
I1
I2
I3
I0
0
P0
R1
R0
Potentiometer
Select
Register
Select
Instructions
S
T
A
R
T
0101
A3
A2
A1
A0
A
I3
I2
I1
I0
0
P0
R1 R0
SCL
SDA
S
T
O
P
C
K
A
C
K
X9221A


Similar Part No. - X9221AYS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9221AYS INTERSIL-X9221AYS Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
X9221AYS INTERSIL-X9221AYS Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
logo
Renesas Technology Corp
X9221AYS RENESAS-X9221AYS Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9221AYSI INTERSIL-X9221AYSI Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
X9221AYSI INTERSIL-X9221AYSI Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
More results

Similar Description - X9221AYS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9221A RENESAS-X9221A Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9241AMPZ INTERSIL-X9241AMPZ Datasheet
362Kb / 17P
   Non-Volatile/Low Power/2-Wire/64 Taps
August 17, 2015
X9258 INTERSIL-X9258 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258 INTERSIL-X9258_13 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9241A INTERSIL-X9241A Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5409 CATALYST-CAT5409 Datasheet
95Kb / 17P
   Quad Digitally Programmable Potentiometers (DPPTM) with 64 Taps and 2-wire Interface
CAT5241 CATALYST-CAT5241 Datasheet
111Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com