Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5165PI-4.5A Datasheet(PDF) 1 Page - Intersil Corporation

Part # X5165PI-4.5A
Description  CPU Supervisor with 16Kbit SPI EEPROM Description
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5165PI-4.5A Datasheet(HTML) 1 Page - Intersil Corporation

  X5165PI-4.5A Datasheet HTML 1Page - Intersil Corporation X5165PI-4.5A Datasheet HTML 2Page - Intersil Corporation X5165PI-4.5A Datasheet HTML 3Page - Intersil Corporation X5165PI-4.5A Datasheet HTML 4Page - Intersil Corporation X5165PI-4.5A Datasheet HTML 5Page - Intersil Corporation X5165PI-4.5A Datasheet HTML 6Page - Intersil Corporation X5165PI-4.5A Datasheet HTML 7Page - Intersil Corporation X5165PI-4.5A Datasheet HTML 8Page - Intersil Corporation X5165PI-4.5A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
FN8128.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X5163, X5165
CPU Supervisor with 16Kbit SPI EEPROM
Description
These devices combine four popular functions, Power-on
Reset Control, Watchdog Timer, Supply Voltage Supervision,
and Block Lock Protect Serial EEPROM Memory in one
package. This combination lowers system cost, reduces
board space requirements, and increases reliability.
Applying power to the device activates the power-on reset
circuit which holds RESET/RESET active for a period of
time. This allows the power supply and oscillator to stabilize
before the processor can execute code.
The Watchdog Timer provides an independent protection
mechanism for microcontrollers. When the microcontroller
fails to restart a timer within a selectable time out interval, the
device activates the RESET/RESET signal. The user selects
the interval from three preset values. Once selected, the
interval does not change, even after cycling the power.
The device’s low VCC detection circuitry protects the user’s
system from low voltage conditions, resetting the system when
VCC falls below the minimum VCC trip point. RESET/RESET is
asserted until VCC returns to proper operating level and
stabilizes. Five industry standard VTRIP thresholds are
available, however, Intersil’s unique circuits allow the
threshold to be reprogrammed to meet custom requirements
or to fine-tune the threshold for applications requiring higher
precision.
Features
• Selectable watchdog timer
•Low VCC detection and reset assertion
- Five standard reset threshold voltages
- Re-program low VCC reset threshold voltage using
special programming sequence
- Reset signal valid to VCC = 1V
• Determine watchdog or low voltage reset with a volatile
flag bit
• Long battery life with low power consumption
- <50µA max standby current, watchdog on
- <1µA max standby current, watchdog off
- <400µA max active current during read
• 16Kbits of EEPROM
• Built-in inadvertent write protection
- Power-up/power-down protection circuitry
- Protect 0, 1/4, 1/2 or all of EEPROM array with Block
Lockprotection
- In circuit programmable ROM mode
• 2MHz SPI interface modes (0,0 & 1,1)
• Minimize EEPROM programming time
- 32-byte page write mode
- Self-timed write cycle
- 5ms write cycle time (typical)
• 2.7V to 5.5V and 4.5V to 5.5V power supply operation
• Available packages
- 14-lead TSSOP, 8-lead SOIC
Pinouts
8-LEAD SOIC/PDIP
CS/WDI
WP
SO
1
2
3
4
RESET/RESET
8
7
6
5
VCC
14-LEAD TSSOP
SO
WP
VSS
1
2
3
4
5
6
7
RESET/RESET
SCK
SI
14
13
12
11
10
9
8
NC
VCC
NC
X5163, X5165
VSS
SCK
CS/WDI
NC
NC
NC
NC
SI
X5163, X5165
X5163, X5165
Data Sheet
May 16, 2005


Similar Part No. - X5165PI-4.5A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X5165P XICOR-X5165P Datasheet
117Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
More results

Similar Description - X5165PI-4.5A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5163S INTERSIL-X5163S Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Xicor Inc.
X5163 XICOR-X5163 Datasheet
117Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5163 INTERSIL-X5163_06 Datasheet
365Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
   CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
   CPU Supervisor with 16Kbit SPI EEPROM
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5163 RENESAS-X5163 Datasheet
871Kb / 22P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5165S8IZ INTERSIL-X5165S8IZ Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5168 RENESAS-X5168 Datasheet
811Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com