Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9119TV14IZ-2.7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9119TV14IZ-2.7
Description  Single Supply/Low Power/1024-Tap/2-Wire Bus
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9119TV14IZ-2.7 Datasheet(HTML) 3 Page - Intersil Corporation

  X9119TV14IZ-2.7 Datasheet HTML 1Page - Intersil Corporation X9119TV14IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X9119TV14IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X9119TV14IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X9119TV14IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9119TV14IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9119TV14IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9119TV14IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9119TV14IZ-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
FN8162.2
September 15, 2005
PIN CONFIGURATION
PIN ASSIGNMENTS
PIN DESCRIPTIONS
Bus Interface Pins
SERIAL DATA INPUT/OUTPUT (SDA)
The SDA is a bidirectional serial data input/output pin
for a 2-wire slave device and is used to transfer data
into and out of the device. It receives device address,
opcode, wiper register address and data sent from an
2-wire master at the rising edge of the serial clock
SCL, and it shifts out data after each falling edge of
the serial clock SCL.
It is an open drain output and may be wire-ORed with
any number of open drain or open collector outputs.
An open drain output requires the use of a pull-up
resistor. For selecting typical values, refer to the
guidelines for calculating typical values on the bus
pull-up resistors graph.
SERIAL CLOCK (SCL)
This input is used by 2-wire master to supply 2-wire
serial clock to the X9119.
DEVICE ADDRESS (A2–A0)
The Address inputs are used to set the least
significant 3 bits of the 8-bit slave address. A match in
the slave address serial data stream must be made
with
the
Address
input
in
order
to
initiate
communication with the X9119. A maximum of 8
devices may occupy the 2-wire serial bus.
Hardware Write Protect Input (WP)
The WP pin when LOW prevents nonvolatile writes to
the Data Registers.
Potentiometer Pins
RH, RL
The RH and RL pins are equivalent to the terminal
connections on a mechanical potentiometer.
RW
The wiper pin are equivalent to the wiper terminal of a
mechanical potentiometer.
Bias Supply Pins
SYSTEM SUPPLY VOLTAGE (VCC) AND SUPPLY
GROUND (VSS)
The VCC pin is the system supply voltage. The VSS
pin is the system ground.
Other Pins
NO CONNECT
No connect pins should be left open. These pins are
used for Intersil manufacturing and testing purposes.
PRINCIPLES OF OPERATION
The X9119 is an integrated microcircuit incorporating
a resistor array and its associated registers and
counters and the serial interface logic providing direct
communication between the host and the digitally
controlled potentiometer. This section provides detail
description of the following:
– Resistor Array Description
– Serial Interface Description
– Instruction and Register Description
Pin
(TSSOP)
Symbol
Function
1
NC
No Connect
2
A0
Device Address for 2-wire bus
3
NC
No Connect
4
A2
Device Address for 2-wire bus
5
SCL
Serial Clock for 2-wire bus
6
SDA
Serial Data Input/Output for 2-wire bus
7VSS
System Ground
8WP
Hardware Write Protect
9
A1
Device Address for 2-wire bus
10
NC
No Connect
11
RW
Wiper terminal of the Potentiometer
12
RH
High terminal of the Potentiometer
13
RL
Low terminal of the Potentiometer
14
VCC
System Supply Voltage
VCC
RL
VSS
1
2
3
4
5
6
7
8
14
13
12
11
10
9
NC
RW
A2
A1
TSSOP
RH
X9119
A0
NC
SDA
NC
SCL
WP
X9119


Similar Part No. - X9119TV14IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9119TV14IZ-2.7 INTERSIL-X9119TV14IZ-2.7 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9119TV14IZ-2.7 INTERSIL-X9119TV14IZ-2.7 Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
logo
Renesas Technology Corp
X9119TV14IZ-2.7 RENESAS-X9119TV14IZ-2.7 Datasheet
771Kb / 18P
   1024 Tap, Low Power, 2-Wire Interface, Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9119TV14IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9111 INTERSIL-X9111 Datasheet
359Kb / 18P
   Single Supply/Low Power/1024-Tap/SPI Bus
logo
Renesas Technology Corp
X9118 RENESAS-X9118 Datasheet
736Kb / 17P
   Dual Supply/Low Power/1024-Tap/2-Wire Bus Single Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9118 INTERSIL-X9118 Datasheet
348Kb / 20P
   Dual Suply/Low Power/1024-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9279 RENESAS-X9279 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9259 INTERSIL-X9259 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
X9269 INTERSIL-X9269 Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9279 INTERSIL-X9279 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9110 INTERSIL-X9110_08 Datasheet
312Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus
X9268 INTERSIL-X9268 Datasheet
368Kb / 24P
   Dual Supply/Low Power/256-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9111 RENESAS-X9111 Datasheet
805Kb / 19P
   Single Supply/Low Power/1024-Tap/SPI Bus/Single Digitally-Controlled (XDCP?? Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com