Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09099V-9AI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C09099V-9AI
Description  3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09099V-9AI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C09099V-9AI Datasheet HTML 1Page - Cypress Semiconductor CY7C09099V-9AI Datasheet HTML 2Page - Cypress Semiconductor CY7C09099V-9AI Datasheet HTML 3Page - Cypress Semiconductor CY7C09099V-9AI Datasheet HTML 4Page - Cypress Semiconductor CY7C09099V-9AI Datasheet HTML 5Page - Cypress Semiconductor CY7C09099V-9AI Datasheet HTML 6Page - Cypress Semiconductor CY7C09099V-9AI Datasheet HTML 7Page - Cypress Semiconductor CY7C09099V-9AI Datasheet HTML 8Page - Cypress Semiconductor CY7C09099V-9AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
3.3V 32K/64K/128K x 8/9
Synchronous Dual-Port Static RAM
CY7C09079V/89V/99V
CY7C09179V/89V/99V
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-06043 Rev. *A
Revised December 27, 2002
25/0251
Features
• True Dual-Ported memory cells which allow simulta-
neous access of the same memory location
• 6 Flow-Through/Pipelined devices
— 32K x 8/9 organizations (CY7C09079V/179V)
— 64K x 8/9 organizations (CY7C09089V/189V)
— 128K x 8/9 organizations (CY7C09099V/199V)
• 3 Modes
— Flow-Through
— Pipelined
— Burst
• Pipelined output mode on both ports allows fast
100-MHz operation
• 0.35-micron CMOS for optimum speed/power
• High-speed clock to data access 6.5[1]/7.5[1]/9/12 ns
(max.)
• 3.3V low operating power
— Active= 115 mA (typical)
— Standby= 10
µA (typical)
• Fully synchronous interface for easier operation
• Burst counters increment addresses internally
— Shorten cycle times
— Minimize bus noise
— Supported in Flow-Through and Pipelined modes
• Dual Chip Enables for easy depth expansion
• Automatic power-down
• Commercial and Industrial temperature ranges
• Available in 100-pin TQFP
v
Logic Block Diagram
R/WL
CE0L
CE1L
OEL
FT/PipeL
I/O0L–I/O7/8L
Control
A0–A14/15/16L
CLKL
ADSL
CNTENL
CNTRSTL
R/WR
1
0
0/1
CE0R
CE1R
OER
1
0/1
0
FT/PipeR
I/O0R–I/O7/8R
I/O
Control
A0–A14/15/16R
CLKR
ADSR
CNTENR
CNTRSTR
1
0
0/1
1
0/1
0
I/O
Counter/
Address
Register
Decode
True Dual-Ported
RAM Array
Counter/
Address
Register
Decode
8/9
8/9
[2]
[2]
[3]
[3]
15/16/17
15/16/17
Notes:
1.
See page 6 for Load Conditions.
2.
I/O0–I/O7 for x8 devices, I/O0–I/O8 for x9 devices.
3.
A0–A14 for 32K, A0–A15 for 64K, and A0–A16 for 128K devices.
For the most recent information, visit the Cypress web site at www.cypress.com


Similar Part No. - CY7C09099V-9AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09099V-9AI CYPRESS-CY7C09099V-9AI Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results

Similar Description - CY7C09099V-9AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_05 Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V Datasheet
222Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C09089 CYPRESS-CY7C09089 Datasheet
347Kb / 19P
   64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008 Datasheet
537Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008_05 Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C09079A CYPRESS-CY7C09079A Datasheet
336Kb / 18P
   32K x 8/9 Synchronous Dual-Port Static RAM
CY7C0852V CYPRESS-CY7C0852V Datasheet
764Kb / 29P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com