Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9221A Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9221A
Description  64 Taps, 2-Wire Serial Bus
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9221A Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9221A Datasheet HTML 6Page - Intersil Corporation X9221A Datasheet HTML 7Page - Intersil Corporation X9221A Datasheet HTML 8Page - Intersil Corporation X9221A Datasheet HTML 9Page - Intersil Corporation X9221A Datasheet HTML 10Page - Intersil Corporation X9221A Datasheet HTML 11Page - Intersil Corporation X9221A Datasheet HTML 12Page - Intersil Corporation X9221A Datasheet HTML 13Page - Intersil Corporation X9221A Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN8163.1
September 14, 2005
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Notes: (1) Absolute Linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as
a potentiometer.
(2) Relative Linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potenti-
ometer. It is a measure of the error in step size.
(3) MI = RTOT/63 or (VH/RH–VL/RL)/63, single pot
ENDURANCE AND DATA RETENTION
CAPACITANCE
POWER-UP TIMING
Notes: (5) This parameter is periodically sampled and not 100% tested.
(6) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. These parameters are
periodically sampled and not 100% tested.
Power Up Requirements (Power up sequencing can affect correct recall of the wiper registers)
The preferred power-on sequence is as follows: First VCC, then the potentiometer pins. It is suggested that VCC
reach 90% of its final value before power is applied to the potentiometer pins. The VCC ramp rate specification should
be met, and any glitches or slope changes in the VCC line should be held to <100mV if possible. Also, VCC should not
reverse polarity by more than 0.5V.
Symbol
Parameter
Limits
Test Conditions
Min. Typ.
Max.
Unit
lCC
Supply Current (Active)
3
mA
fSCL = 100kHz, SDA = Open, Other Inputs = VSS
ISB
VCC Current (Standby)
200
500
µA
SCL = SDA = VCC, Addr. = VSS
ILI
Input Leakage Current
10
µA
VIN = VSS to VCC
ILO
Output Leakage Current
10
µA
VOUT = VSS to VCC
VIH
Input HIGH Voltage
2
VCC + 1
V
VIL
Input LOW Voltage
-1
0.8
V
VOL
Output LOW Voltage
0.4
V
IOL = 3mA
Parameter
Min.
Unit
Minimum endurance
100,000
Data changes per bit per register
Data retention
100
years
Symbol
Parameter
Max.
Unit
Test Conditions
CI/O
(5)
Input/output capacitance (SDA)
8
pF
VI/O = 0V
CIN
(5)
Input capacitance (A0, A1, A2, A3 and SCL)
6
pF
VIN = 0V
Symbol
Parameter
Min.
Max.
Unit
tPUR
(6)
Power-up to initiation of read operation
1
ms
tPUW
(6)
Power-up to initiation of write operation
5
ms
tRVCC
VCC Power-up ramp rate
0.2
50
V/msec
X9221A


Similar Part No. - X9221A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9221A RENESAS-X9221A Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
X9221AUP INTERSIL-X9221AUP Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
X9221AUP INTERSIL-X9221AUP Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
More results

Similar Description - X9221A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9221A RENESAS-X9221A Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9241AMPZ INTERSIL-X9241AMPZ Datasheet
362Kb / 17P
   Non-Volatile/Low Power/2-Wire/64 Taps
August 17, 2015
X9258 INTERSIL-X9258 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258 INTERSIL-X9258_13 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9241A INTERSIL-X9241A Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5409 CATALYST-CAT5409 Datasheet
95Kb / 17P
   Quad Digitally Programmable Potentiometers (DPPTM) with 64 Taps and 2-wire Interface
CAT5241 CATALYST-CAT5241 Datasheet
111Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com