Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3781 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3781
Description  Evaluation Kit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3781 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3781 Datasheet HTML 1Page - Maxim Integrated Products MAX3781 Datasheet HTML 2Page - Maxim Integrated Products MAX3781 Datasheet HTML 3Page - Maxim Integrated Products MAX3781 Datasheet HTML 4Page - Maxim Integrated Products MAX3781 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Detailed Description
Connecting CML Outputs to 50
Oscilloscopes
CML outputs have a common-mode voltage near VCC.
To avoid changing this optimum common-mode volt-
age, all CML outputs are AC-coupled on-board with
0.1µF capacitors. The CML outputs should not be con-
nected directly through 50
Ω to ground.
Terminating Unused Outputs
The MAX3781 EV kit has 100
Ω differential resistors
placed across all outputs. These resistors must be
removed before connecting the outputs to a 50
Ω oscil-
loscope. For best performance, keep all outputs termi-
nated, either to a 50
Ω measurement device or to the
100
Ω differential resistor.
Control Lines
Jumpers JU1, JU2, and JU3 are provided to set the
operating mode of the MAX3781. Shorting these
jumpers pulls the corresponding TTL control line to a
logical zero. All TTL control lines are internally pulled
high through 15k
Ω resistors. See Table 1 for more infor-
mation regarding setting operating modes.
Exposed-Pad Package
The exposed paddle (EP) 48-pin TQFP has features
that provide a very low thermal resistance path for heat
removal from the IC. The paddle is electrical ground on
the MAX3781 and should be soldered to the circuit
board for proper thermal and electrical performance.
MAX3781 Evaluation Kit
2
_______________________________________________________________________________________
Table 1. Operating Modes
SEL_
PD
LO1_
LO2_
SO_
0
0
SI_
SI_
LI2_
01
SI_
LI2_
1
0
SI_
SI_
LI1_
1
1
SI_
LI1_


Similar Part No. - MAX3781

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX378-MAX379 MAXIM-MAX378-MAX379 Datasheet
104Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX3783 MAXIM-MAX3783 Datasheet
198Kb / 8P
   2.7Gbps Dual Mux/Buffer with Loopback
Rev 2; 1/08
MAX3783UCM MAXIM-MAX3783UCM Datasheet
198Kb / 8P
   2.7Gbps Dual Mux/Buffer with Loopback
Rev 2; 1/08
MAX3783UCM++ MAXIM-MAX3783UCM+ Datasheet
198Kb / 8P
   2.7Gbps Dual Mux/Buffer with Loopback
Rev 2; 1/08
More results

Similar Description - MAX3781

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com