Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09099V-7AC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C09099V-7AC
Description  3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09099V-7AC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C09099V-7AC Datasheet HTML 3Page - Cypress Semiconductor CY7C09099V-7AC Datasheet HTML 4Page - Cypress Semiconductor CY7C09099V-7AC Datasheet HTML 5Page - Cypress Semiconductor CY7C09099V-7AC Datasheet HTML 6Page - Cypress Semiconductor CY7C09099V-7AC Datasheet HTML 7Page - Cypress Semiconductor CY7C09099V-7AC Datasheet HTML 8Page - Cypress Semiconductor CY7C09099V-7AC Datasheet HTML 9Page - Cypress Semiconductor CY7C09099V-7AC Datasheet HTML 10Page - Cypress Semiconductor CY7C09099V-7AC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CY7C09079V/89V/99V
CY7C09179V/89V/99V
Document #: 38-06043 Rev. *A
Page 7 of 18
Notes:
14. Test conditions used are Load 2.
15. This parameter is guaranteed by design, but it is not production tested.
Switching Characteristics Over the Operating Range
Parameter
Description
CY7C09079V/89V/99V
CY7C09179V/89V/99V
-6[1]
-7[1]
-9
-12
fMAX1
fMax Flow-Through
53
45
40
33
MHz
fMAX2
fMax Pipelined
100
83
67
50
MHz
tCYC1
Clock Cycle Time - Flow-Through
19
22
25
30
ns
tCYC2
Clock Cycle Time - Pipelined
10
12
15
20
ns
tCH1
Clock HIGH Time - Flow-Through
6.5
7.5
12
12
ns
tCL1
Clock LOW Time - Flow-Through
6.5
7.5
12
12
ns
tCH2
Clock HIGH Time - Pipelined
4
5
6
8
ns
tCL2
Clock LOW Time - Pipelined
4
5
6
8
ns
tR
Clock Rise Time
3
3
3
3
ns
tF
Clock Fall Time
33
33
ns
tSA
Address Set-Up Time
3.5
4
4
4
ns
tHA
Address Hold Time
0
0
1
1
ns
tSC
Chip Enable Set-Up Time
3.5
4
4
4
ns
tHC
Chip Enable Hold Time
0
0
1
1
ns
tSW
R/W Set-Up Time
3.5
4
4
4
ns
tHW
R/W Hold Time
001
1
ns
tSD
Input Data Set-Up Time
3.5
4
4
4
ns
tHD
Input Data Hold Time
0
0
1
1
ns
tSAD
ADS Set-Up Time
3.5
4
4
4
ns
tHAD
ADS Hold Time
001
1
ns
tSCN
CNTEN Set-Up Time
3.5
4.5
5
5
ns
tHCN
CNTEN Hold Time
001
1
ns
tSRST
CNTRST Set-Up Time
3.5
4
4
4
ns
tHRST
CNTRST Hold Time
001
1
ns
tOE
Output Enable to Data Valid
8
9
10
12
ns
tOLZ
[14, 15]
OE to Low Z
2
2
2
2
ns
tOHZ
[14, 15]
OE to High Z
17171
717
ns
tCD1
Clock to Data Valid - Flow-Through
15
18
20
25
ns
tCD2
Clock to Data Valid - Pipelined
6.5
7.5
9
12
ns
tDC
Data Output Hold After Clock HIGH
2
2
2
2
ns
tCKHZ
[14, 15]
Clock HIGH to Output High Z
29292
929
ns
tCKLZ
[14, 15]
Clock HIGH to Output Low Z
2
2
2
2
ns
Port to Port Delays
tCWDD
Write Port Clock HIGH to Read Data Delay
30
35
40
40
ns
tCCS
Clock to Clock Set-Up Time
9
10
15
15
ns


Similar Part No. - CY7C09099V-7AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09099V-7AC CYPRESS-CY7C09099V-7AC Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results

Similar Description - CY7C09099V-7AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_05 Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V Datasheet
222Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C09089 CYPRESS-CY7C09089 Datasheet
347Kb / 19P
   64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008 Datasheet
537Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008_05 Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C09079A CYPRESS-CY7C09079A Datasheet
336Kb / 18P
   32K x 8/9 Synchronous Dual-Port Static RAM
CY7C0852V CYPRESS-CY7C0852V Datasheet
764Kb / 29P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com