Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSK30R Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSK30R
Description  Low Noise PRE-AMP. Use
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSK30R Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSK30R Datasheet HTML 1Page - Fairchild Semiconductor KSK30R Datasheet HTML 2Page - Fairchild Semiconductor KSK30R Datasheet HTML 3Page - Fairchild Semiconductor KSK30R Datasheet HTML 4Page - Fairchild Semiconductor KSK30R Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B1, November 2002
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. ID-VGS
Figure 3. ID-VDS
Figure 4.
Yfs-V
GS
Figure 5.
Yfs-I
D
Figure 6. VGS(off)-IDSS
-40
-20
0
204060
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = -1.6V
VGS = -1.4V
VGS = -1.2V
VGS = -1.0V
VGS = -0.4V
VGS[V], DRAIN-SOURCE
VOLTAGE
-0.8
-1.6
VGS = -0.6V
VGS = 0V
VGS = -0.8V
VGS = -0.2V
VDS[V], DRAIN-SOURCE
VOLTAGE
-3.2
-2.8
-2.4
-2.0
-1.6
-1.2
-0.8
-0.4
0.0
0.0
0.8
1.6
2.4
3.2
4.0
4.8
5.6
6.4
RS = 1kΩ
RS = 2kΩ
RS = 5kΩ
RS = 10kΩ
VDS = 10V
VGS[V], GATE-SOURCE VOLTAGE
0.0
0.8
1.6
2.4
3.2
4.0
0.0
0.8
1.6
2.4
3.2
4.0
VGS = -1.4V
VGS = -1.2V
VGS = -1.6V
VGS = -1.0V
VGS = -0.8V
VGS = -0.6V
VGS = 0V
VGS = -0.2V
VGS = -0.4V
VDS[V], DRAIN-SOURCE VOLTAGE
-4.0
-3.2
-2.4
-1.6
-0.8
0.0
0.0
0.8
1.6
2.4
3.2
4.0
VDS = 10V
f = 1KHz
VGS[V], GATE-SOURCE VOLTAGE
0.0
1.6
3.2
4.8
6.4
0.0
1.6
3.2
4.8
6.4
IDS
S =
0.
7m
A
IDSS
=
1.7m
A
IDSS
= 2.
8m
A
IDSS
= 6
mA
VDS = 10V
f = 1kHz
ID[mA], DRAIN CURRENT
0.1
1
10
0.1
1
10
-
-
-
IDSS
:VDS= 10V
VGS=0
VGS(off):VDS=10V
ID = 0.1
µA
IDSS[mA], DRAIN CURRENT


Similar Part No. - KSK30R

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSK30 SAMSUNG-KSK30 Datasheet
121Kb / 4P
   N-CHANNEL (LOW NOISE PRE-AMP. USE)
logo
Fairchild Semiconductor
KSK30 FAIRCHILD-KSK30 Datasheet
84Kb / 5P
   Low Noise PRE-AMP. Use
KSK30YBU FAIRCHILD-KSK30YBU Datasheet
84Kb / 5P
   Low Noise PRE-AMP. Use
More results

Similar Description - KSK30R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSK30YBU FAIRCHILD-KSK30YBU Datasheet
84Kb / 5P
   Low Noise PRE-AMP. Use
logo
Samsung semiconductor
KSK30 SAMSUNG-KSK30 Datasheet
121Kb / 4P
   N-CHANNEL (LOW NOISE PRE-AMP. USE)
logo
Unisonic Technologies
9014 UTC-9014_2 Datasheet
107Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
List of Unclassifed Man...
2SC9014 ETC-2SC9014 Datasheet
75Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
ARTSCHIP ELECTRONICS CO...
MMBT9014 ARTSCHIP-MMBT9014 Datasheet
965Kb / 4P
   PRE-AMPLIFIER, LOW LEVEL, LOW NOISE
logo
Fairchild Semiconductor
SS9014 FAIRCHILD-SS9014 Datasheet
38Kb / 4P
   Pre-Amplifier, Low Level & Low Noise
logo
Unisonic Technologies
9015 UTC-9015 Datasheet
78Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
MMBT9015 UTC-MMBT9015_11 Datasheet
100Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
SeCoS Halbleitertechnol...
S9014T SECOS-S9014T Datasheet
136Kb / 2P
   Pre-Amplifier, Low Level & Low Noise
logo
Unisonic Technologies
9015 UTC-9015_15 Datasheet
103Kb / 3P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com