Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5169S8I Datasheet(PDF) 11 Page - Intersil Corporation

Part # X5169S8I
Description  CPU Supervisor with 16Kbit SPI EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5169S8I Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X5169S8I Datasheet HTML 7Page - Intersil Corporation X5169S8I Datasheet HTML 8Page - Intersil Corporation X5169S8I Datasheet HTML 9Page - Intersil Corporation X5169S8I Datasheet HTML 10Page - Intersil Corporation X5169S8I Datasheet HTML 11Page - Intersil Corporation X5169S8I Datasheet HTML 12Page - Intersil Corporation X5169S8I Datasheet HTML 13Page - Intersil Corporation X5169S8I Datasheet HTML 14Page - Intersil Corporation X5169S8I Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN8130.1
September 16, 2005
Absolute Maximum Ratings
Recommended Operating Conditions
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on any Pin with Respect to VSS . . . . . . . . . . . .-1.0V to +7V
DC Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Lead Temperature (Soldering, 10s) . . . . . . . . . . . . . . . . . . . . . 300°C
Temperature Range
Commercial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage Limits
-2.7 or -2.7A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Blank or -4.5A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V-5.5V
CAUTION: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; the functional
operation of the device (at these or any other conditions above those listed in the operational sections of this specification) is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability
DC Electrical Specifications
Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
MAX
ICC1
VCC write current (active)
SCK = VCC x 0.1/VCC x 0.9 @ 2MHz,
SO = Open
5mA
ICC2
VCC read current (active)
SCK = VCC x 0.1/VCC x 0.9 @ 2MHz,
SO = Open
0.4
mA
ISB
VCC standby current WDT = OFF CS = VCC, VIN = VSS or VCC,
VCC = 5.5V
1µA
ILI
Input leakage current
VIN = VSS to VCC
0.1
10
µA
ILO
Output leakage current
VOUT = VSS to VCC
0.1
10
µA
VIL
(NOTE 1)
Input LOW voltage
-0.5
VCC x 0.3
V
VIH
(NOTE 1)
Input HIGH voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output LOW voltage
VCC > 3.3V, IOL = 2.1mA
0.4
V
VOL2
Output LOW voltage
2V < VCC ≤ 3.3V, IOL = 1mA
0.4
V
VOL3
Output LOW voltage
VCC ≤ 2V, IOL = 0.5mA
0.4
V
VOH1
Output HIGH voltage
VCC > 3.3V, IOH = -1.0mA
VCC - 0.8
V
VOH2
Output HIGH voltage
2V < VCC ≤ 3.3V, IOH = -0.4mA
VCC - 0.4
V
VOH3
Output HIGH voltage
VCC ≤ 2V, IOH = -0.25mA
VCC - 0.2
V
VOLS
Reset output LOW voltage
IOL = 1mA
0.4
V
Capacitance TA = +25°C, f = 1MHz, VCC = 5V.
SYMBOL
TEST
CONDITIONS
MAX.
UNIT
COUT
(NOTE 2)
Output capacitance (SO, RESET/RESET)
VOUT = 0V
8
pF
CIN (NOTE 2) Input capacitance (SCK, SI, CS, WP)VIN = 0V
6
pF
NOTES:
1. VIL min. and VIH max. are for reference only and are not tested.
2. This parameter is periodically sampled and not 100% tested.
X5168, X5169


Similar Part No. - X5169S8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5169 INTERSIL-X5169 Datasheet
343Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5169 RENESAS-X5169 Datasheet
811Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
More results

Similar Description - X5169S8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5163S INTERSIL-X5163S Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Xicor Inc.
X5163 XICOR-X5163 Datasheet
117Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5163 INTERSIL-X5163_06 Datasheet
365Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
   CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5163 RENESAS-X5163 Datasheet
871Kb / 22P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5165S8IZ INTERSIL-X5165S8IZ Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5168 RENESAS-X5168 Datasheet
811Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5163 INTERSIL-X5163 Datasheet
365Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM Description
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com