Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9111 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9111
Description  Single Supply/Low Power/1024-Tap/SPI Bus
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9111 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9111 Datasheet HTML 2Page - Intersil Corporation X9111 Datasheet HTML 3Page - Intersil Corporation X9111 Datasheet HTML 4Page - Intersil Corporation X9111 Datasheet HTML 5Page - Intersil Corporation X9111 Datasheet HTML 6Page - Intersil Corporation X9111 Datasheet HTML 7Page - Intersil Corporation X9111 Datasheet HTML 8Page - Intersil Corporation X9111 Datasheet HTML 9Page - Intersil Corporation X9111 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
FN8159.1
March 25, 2005
Five of the seven instructions are four bytes in length. These
instructions are:
• Read Wiper Counter Register – read the current wiper
position of the selected pot,
• Write Wiper Counter Register – change current wiper
position of the selected pot,
• Read Data Register – read the contents of the selected
data register;
• Write Data Register – write a new value to the selected
data register.
• Read Status – This command returns the contents of the
WIP bit which indicates if the internal write cycle is in
progress.
The basic sequence of the four byte instructions is illustrated
in Figure 3. These four-byte instructions exchange data
between the WCR and one of the Data Registers. A transfer
from a Data Register to a WCR is essentially a write to a
static RAM, with the static RAM controlling the wiper
position. The response of the wiper to this action will be
delayed by tWRL. A transfer from the WCR (current wiper
position), to a Data Register is a write to nonvolatile memory
and takes a minimum of tWR to complete. The transfer can
occur between the potentiometer and one of its associated
registers. The Read Status Register instruction is the only
unique format (see Figure 4).
Two instructions require a two-byte sequence to complete
(see Figure 2). These instructions transfer data between the
host and the X9111; either between the host and one of the
Data Registers or directly between the host and the Wiper
Counter Register. These instructions are:
• XFR Data Register to Wiper Counter Register –This
transfers the contents of one specified Data Register to
the associated Wiper Counter Register.
• XFR Wiper Counter Register to Data Register – This
transfers the contents of the specified Wiper Counter
Register to the specified associated Data Register.
See Instruction format for more details.
Write in Process (WIP bit)
The contents of the Data Registers are saved to nonvolatile
memory when the CS pin goes from LOW to HIGH after a
complete write sequence is received by the device. The
progress of this internal write operation can be monitored by
a Write In Process bit (WIP). The WIP bit is read with a Read
Status command (see Figure 4).
Power Up and Down Requirements
There are no restrictions on the power-up condition of VCC
and the voltages applied to the potentiometer pins provided
that the VCC is always more positive than or equal to the
voltages at RH, RL, and RW, i.e., VCC ≥ RH, RL, RW. There
are no restrictions on the power-down condition. However,
the datasheet parameters for the DCP do not apply until
1millisecond after VCC reaches its final value.
ID3 ID2 ID1 ID0
0
A1 A0
I2
I1
I0
RB
RA
SCK
SI
CS
0101
R/W
Device ID
Internal
Instruction
Opcode
Address
Register
0
0
0
0
Address
0
0
FIGURE 2. TWO-BYTE INSTRUCTION SEQUENCE
ID3 ID2 ID1 ID0 0
A0R/W I2
00
SCK
SI
0
0
X X0
0
XX X
W
C
R
9
W
C
R
8
W
C
R
7
W
C
R
6
W
C
R
5
W
C
R
4
W
C
R
3
W
C
R
2
W
C
R
1
W
C
R
0
CS
I1 I0 0 RB RA
0
101
0
XX
X
Device ID
Internal
Address
Instruction
Opcode
Register
Address
Wiper
Position
A1
FIGURE 3. FOUR-BYTE INSTRUCTION SEQUENCE (WRITE OR READ FOR WCR OR DATA REGISTERS)
X9111


Similar Part No. - X9111

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9111 INTERSIL-X9111 Datasheet
323Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9111 INTERSIL-X9111 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9111 RENESAS-X9111 Datasheet
805Kb / 19P
   Single Supply/Low Power/1024-Tap/SPI Bus/Single Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9111 INTERSIL-X9111 Datasheet
327Kb / 17P
   Single Digitally-Controlled (XDCP) Potentiometer
September 15, 2006
More results

Similar Description - X9111

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9110 INTERSIL-X9110_08 Datasheet
312Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus
logo
Renesas Technology Corp
X9111 RENESAS-X9111 Datasheet
805Kb / 19P
   Single Supply/Low Power/1024-Tap/SPI Bus/Single Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9119 INTERSIL-X9119 Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9110 RENESAS-X9110 Datasheet
774Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Renesas Technology Corp
X9261 RENESAS-X9261 Datasheet
442Kb / 20P
   Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9260 INTERSIL-X9260 Datasheet
407Kb / 25P
   Dual Supply/Low Power/256-Tap/SPI bus
logo
Renesas Technology Corp
X9260 RENESAS-X9260 Datasheet
434Kb / 23P
   Dual Supply/Low Power/256-Tap/SPI bus
August 29, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com