Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5163P Datasheet(PDF) 10 Page - Intersil Corporation

Part # X5163P
Description  CPU Supervisor with 16Kbit SPI EEPROM Description
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5163P Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X5163P Datasheet HTML 6Page - Intersil Corporation X5163P Datasheet HTML 7Page - Intersil Corporation X5163P Datasheet HTML 8Page - Intersil Corporation X5163P Datasheet HTML 9Page - Intersil Corporation X5163P Datasheet HTML 10Page - Intersil Corporation X5163P Datasheet HTML 11Page - Intersil Corporation X5163P Datasheet HTML 12Page - Intersil Corporation X5163P Datasheet HTML 13Page - Intersil Corporation X5163P Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FN8128.1
May 16, 2005
Absolute Maximum Ratings
Recommended Operating Conditions
Temperature under bias . . . . . . . . . . . . . . . . . . . . . . . .-65 to +135°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . .-65 to +150°C
Voltage on any pin with
respect to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-1.0V to +7V
D.C. output current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Lead temperature (soldering, 10 seconds) . . . . . . . . . . . . . . . 300°C
Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Specifications Over operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
MAX
ICC1
VCC Write Current (Active)
SCK = VCC x 0.1/VCC x 0.9 @ 2MHz, SO =
Open
5mA
ICC2
VCC Read Current (Active)
SCK = VCC x 0.1/VCC x 0.9 @ 2MHz, SO =
Open
0.4
mA
ISB1
VCC Standby Current WDT = OFF CS = VCC, VIN = VSS or VCC, VCC =5.5V
1
µA
ISB2
VCC Standby Current WDT = ON
CS = VCC, VIN = VSS or VCC, VCC =5.5V
50
µA
ISB3
VCC Standby Current WDT = ON
CS = VCC, VIN = VSS or VCC, VCC =3.6V
20
µA
ILI
Input Leakage Current
VIN = VSS to VCC
0.1
10
µA
ILO
Output Leakage Current
VOUT = VSS to VCC
0.1
10
µA
VIL(1)
Input LOW Voltage
-0.5
VCC x 0.3
V
VIH(1)
Input HIGH Voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output LOW Voltage
VCC > 3.3V, IOL = 2.1mA
0.4
V
VOL2
Output LOW Voltage
2V < VCC 3.3V, IOL = 1mA
0.4
V
VOL3
Output LOW Voltage
VCC 2V, IOL = 0.5mA
0.4
V
VOH1
Output HIGH Voltage
VCC > 3.3V, IOH = –1.0mA
VCC - 0.8
V
VOH2
Output HIGH Voltage
2V < VCC 3.3V, IOH = –0.4mA
VCC - 0.4
V
VOH3
Output HIGH Voltage
VCC 2V, IOH = –0.25mA
VCC - 0.2
V
VOLS
Reset Output LOW Voltage
IOL = 1mA
0.4
V
Capacitance TA = +25°C, f = 1MHz, VCC = 5V
SYMBOL
TEST
MAX.
UNIT
CONDITIONS
COUT(2)
Output Capacitance (SO, RESET, RESET)
8
pF
VOUT = 0V
CIN(2)
Input Capacitance (SCK, SI, CS, WP)6
pF
VIN = 0V
NOTES:
1. VIL min. and VIH max. are for reference only and are not tested.
2. This parameter is periodically sampled and not 100% tested.
X5163, X5165


Similar Part No. - X5163P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X5163P XICOR-X5163P Datasheet
117Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5163P INTERSIL-X5163P Datasheet
365Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
X5163P-2.7 INTERSIL-X5163P-2.7 Datasheet
365Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
X5163P-2.7A INTERSIL-X5163P-2.7A Datasheet
365Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
X5163P-4.5A INTERSIL-X5163P-4.5A Datasheet
365Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
More results

Similar Description - X5163P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5163S INTERSIL-X5163S Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Xicor Inc.
X5163 XICOR-X5163 Datasheet
117Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5163 INTERSIL-X5163_06 Datasheet
365Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
   CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
   CPU Supervisor with 16Kbit SPI EEPROM
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5163 RENESAS-X5163 Datasheet
871Kb / 22P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5165S8IZ INTERSIL-X5165S8IZ Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5168 RENESAS-X5168 Datasheet
811Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com