Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5001S8 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X5001S8
Description  CPU Supervisor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5001S8 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X5001S8 Datasheet HTML 7Page - Intersil Corporation X5001S8 Datasheet HTML 8Page - Intersil Corporation X5001S8 Datasheet HTML 9Page - Intersil Corporation X5001S8 Datasheet HTML 10Page - Intersil Corporation X5001S8 Datasheet HTML 11Page - Intersil Corporation X5001S8 Datasheet HTML 12Page - Intersil Corporation X5001S8 Datasheet HTML 13Page - Intersil Corporation X5001S8 Datasheet HTML 14Page - Intersil Corporation X5001S8 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
FN8125.0
April 6, 2005
Data Output Timing
Notes: (3) This parameter is periodically sampled and not 100% tested.
(4) tWC is the time from the rising edge of CS after a valid write sequence has been sent to the end of the self-timed internal nonvolatile
write cycle.
Figure 10. Data Output Timing
Figure 11. Data Input Timing
Symbol
Parameter
1.8V-3.6V
2.7V-5.5V
Unit
Min.
Max.
Min.
Max.
fSCK
Clock frequency
0
1
0
2
MHz
tDIS
Output disable time
400
200
ns
tV
Output valid from clock low
400
200
ns
tHO
Output hold time
0
0
ns
tRO(3)
Output rise time
300
150
ns
tFO(3)
Output fall time
300
150
ns
SCK
CS
SO
SI
MSB Out
MSB–1 Out
LSB Out
ADDR
LSB IN
tCYC
tV
tHO
tWL
tWH
tDIS
tLAG
SCK
CS
SI
SO
MSB In
tSU
tRI
tLAG
tLEAD
tH
LSB In
tCS
tFI
High Impedance
X5001


Similar Part No. - X5001S8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X5001S8 XICOR-X5001S8 Datasheet
100Kb / 19P
   CPU Supervisor
logo
Intersil Corporation
X5001S8 INTERSIL-X5001S8 Datasheet
305Kb / 20P
   CPU Supervisor
logo
Renesas Technology Corp
X5001S8 RENESAS-X5001S8 Datasheet
789Kb / 20P
   CPU Supervisor
logo
Xicor Inc.
X5001S8-2.7 XICOR-X5001S8-2.7 Datasheet
100Kb / 19P
   CPU Supervisor
logo
Intersil Corporation
X5001S8-2.7 INTERSIL-X5001S8-2.7 Datasheet
305Kb / 20P
   CPU Supervisor
More results

Similar Description - X5001S8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4003 INTERSIL-X4003 Datasheet
266Kb / 17P
   CPU Supervisor
X4003-05 INTERSIL-X4003-05 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
X5001 INTERSIL-X5001_06 Datasheet
305Kb / 20P
   CPU Supervisor
logo
Xicor Inc.
X5001 XICOR-X5001 Datasheet
100Kb / 19P
   CPU Supervisor
X4003 XICOR-X4003 Datasheet
378Kb / 18P
   CPU Supervisor
logo
Intersil Corporation
X4005S8IZ-27 INTERSIL-X4005S8IZ-27 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
logo
Renesas Technology Corp
X4003 RENESAS-X4003 Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003 INTERSIL-X4003_06 Datasheet
276Kb / 18P
   CPU Supervisor
logo
Renesas Technology Corp
X5001 RENESAS-X5001 Datasheet
789Kb / 20P
   CPU Supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com