Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33348D-6 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC33348D-6
Description  LITHIUM BATTERY PROTECTION CIRCUIT FOR ONE CELL SMART BATTERY PACKS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33348D-6 Datasheet(HTML) 5 Page - ON Semiconductor

  MC33348D-6 Datasheet HTML 1Page - ON Semiconductor MC33348D-6 Datasheet HTML 2Page - ON Semiconductor MC33348D-6 Datasheet HTML 3Page - ON Semiconductor MC33348D-6 Datasheet HTML 4Page - ON Semiconductor MC33348D-6 Datasheet HTML 5Page - ON Semiconductor MC33348D-6 Datasheet HTML 6Page - ON Semiconductor MC33348D-6 Datasheet HTML 7Page - ON Semiconductor MC33348D-6 Datasheet HTML 8Page - ON Semiconductor MC33348D-6 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC33348
5
MOTOROLA ANALOG IC DEVICE DATA
PROTECTION CIRCUIT OPERATING MODE TABLE
Outputs
MOSFET Switches
Function
Input Conditions
Cell Status
Circuit Operation
Battery Pack Status
Charge
Q1
Discharge
Q2
Charge
Pump
CELL CHARGING/DISCHARGING
Storage or Nominal Operation:
No current or voltage faults
Both Charge MOSFET Q1 and Discharge MOSFET Q2 are on.
The battery pack is available for charging or discharging.
On
On
Active
CELL CHARGING FAULT/RESET
Charge Voltage Limit Fault:
VPin 1 ≥ Vth(OV) for 1.0 s
Charge MOSFET Q1 is latched off and the cell is disconnected
from the charging source. An internal current source pull–up is
applied to divider resistors R1 and R2 creating a hysteresis
voltage of VH. The battery pack is available for discharging.
Discharge current limit protection is disabled.
On to Off
On
Active
Charge Voltage Limit Reset:
VPin 1 < (Vth(OV) – VH)
for 1.0 s
Charge MOSFET Q1 will turn on when the voltage across the cell
falls sufficiently to overcome hysteresis voltage VH. This can be
accomplished by applying a load to the battery pack. Discharge
current limit protection is enabled.
Off to On
On
Active
CELL DISCHARGING FAULT/RESET
Discharge Current Limit Fault:
VPin 5 ≥ (VPin 3 + Vth(dschg))
for 3.0 ms and
VPin 1 < (Vth(OV) – VH)
for 1.0 ms
Discharge MOSFET Q2 is latched off and the cell is
disconnected from the load. Q2 will remain in the off state as long
as VPin 5 exceeds VPin 3 by ≈ Vth(dschg). The battery pack is
available for charging.
On
On to Off
Active
Discharge Current Limit Reset:
VPin 5 – VPin 3 < Vth(dschg)
The Sense Enable circuit will reset and turn on discharge
MOSFET Q2 when VPin 3 no longer exceeds VPin 5 by
≈ Vth(dschg). This can be accomplished by either disconnecting
the load from the battery pack, or by connecting the battery pack
to the charger.
On
Off to On
Active
Discharge Voltage Limit Fault:
VPin 1 ≤ Vth(UV) for three
consecutive 1.0 s samples
Discharge MOSFET Q2 is latched off, the cells are disconnected
from the load, and the protection circuit enters a low current
sleepmode state. The battery pack is available for charging.
On
On to Off
Disabled
Discharge Voltage Limit Reset:
VPin 3 > (VPin 5 + 0.6 V)
The Sense Enable circuit will reset and turn on discharge
MOSFET Q2 when VPin 3 exceeds VPin 5 by 0.6 V. This can be
accomplished by connecting the battery pack to the charger.
On
Off to On
Active
FAULTY CELL
Discharge Voltage Limit Fault:
VPin 1 ≤ 1.5 V
This condition can happen if the cell is defective (<1.5 V). The
protection circuit logic will not function and the battery pack
cannot be charged.
Disabled
Disabled
Disabled


Similar Part No. - MC33348D-6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33340 ONSEMI-MC33340 Datasheet
304Kb / 12P
   BATTERY FAST CHARGE CONTROLLERS
REV 3
MC33340 ONSEMI-MC33340 Datasheet
197Kb / 16P
   Battery Fast Charge Controllers
July, 2005 ??Rev. 7
MC33340D ONSEMI-MC33340D Datasheet
197Kb / 16P
   Battery Fast Charge Controllers
July, 2005 ??Rev. 7
MC33340DG ONSEMI-MC33340DG Datasheet
197Kb / 16P
   Battery Fast Charge Controllers
July, 2005 ??Rev. 7
MC33340DR2 ONSEMI-MC33340DR2 Datasheet
197Kb / 16P
   Battery Fast Charge Controllers
July, 2005 ??Rev. 7
More results

Similar Description - MC33348D-6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33349 ONSEMI-MC33349 Datasheet
204Kb / 12P
   Lithium Battery Protection Circuit for One Cell Battery Packs
May, 2000 ??Rev. 1
NCP802 ONSEMI-NCP802 Datasheet
125Kb / 23P
   Highly Integrated Lithium Battery Protection Circuit for One Cell Battery Packs
September, 2004 ??Rev. 10
logo
Motorola, Inc
MC33346 MOTOROLA-MC33346 Datasheet
108Kb / 3P
   LITHIUM BATTERY PROTECTION CIRCUIT PROTECTION CIRCUIT THREE OR FOUR CELL SMART BATTERY PACKS
logo
E-CMOS Corporation
EC9526A E-CMOS-EC9526A Datasheet
842Kb / 10P
   One-cell Lithium Battery Protection IC
logo
Analog Intergrations Co...
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
   One-Cell Lithium-Ion Battery Protection IC
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
   ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
   One-cell lithium-ion/lithium-polymer battery protection IC
logo
AiT Semiconductor Inc.
A4004 AITSEMI-A4004 Datasheet
868Kb / 11P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.1
A4001 AITSEMI-A4001 Datasheet
860Kb / 10P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV2.0
A4059A AITSEMI-A4059A Datasheet
360Kb / 8P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com