Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC64SMB-12 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X28HC64SMB-12
Description  5 Volt, Byte Alterable EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC64SMB-12 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X28HC64SMB-12 Datasheet HTML 5Page - Intersil Corporation X28HC64SMB-12 Datasheet HTML 6Page - Intersil Corporation X28HC64SMB-12 Datasheet HTML 7Page - Intersil Corporation X28HC64SMB-12 Datasheet HTML 8Page - Intersil Corporation X28HC64SMB-12 Datasheet HTML 9Page - Intersil Corporation X28HC64SMB-12 Datasheet HTML 10Page - Intersil Corporation X28HC64SMB-12 Datasheet HTML 11Page - Intersil Corporation X28HC64SMB-12 Datasheet HTML 12Page - Intersil Corporation X28HC64SMB-12 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN8109.0
June 1, 2005
SYSTEM CONSIDERATIONS
Because the X28HC64 is frequently used in large
memory arrays, it is provided with a two-line control
architecture for both read and write operations. Proper
usage can provide the lowest possible power dissipa-
tion, and eliminate the possibility of contention where
multiple I/O pins share the same bus.
To gain the most benefit, it is recommended that CE
be decoded from the address bus, and be used as the
primary device selection input. Both OE and WE would
then be common among all devices in the array. For a
read operation, this assures that all deselected
devices are in their standby mode, and that only the
selected device(s) is/are outputting data on the bus.
Because the X28HC64 has two power modes,
standby and active, proper decoupling of the memory
array is of prime concern. Enabling CE will cause tran-
sient current spikes. The magnitude of these spikes is
dependent on the output capacitive loading of the
I/Os. Therefore, the larger the array sharing a common
bus, the larger the transient spikes. The voltage peaks
associated with the current transients can be sup-
pressed by the proper selection and placement of
decoupling capacitors. As a minimum, it is recom-
mended that a 0.1µF high frequency ceramic capacitor
be used between VCC and VSS at each device.
Depending on the size of the array, the value of the
capacitor may have to be larger.
In addition, it is recommended that a 4.7µF electrolytic
bulk capacitor be placed between VCC and VSS for
each eight devices employed in the array. This bulk
capacitor is employed to overcome the voltage droop
caused by the inductive effects of the PC board traces.
Normalized ICC(RD) by Temperature
Over Frequency
Normalized ICC(RD) @ 25% Over
the VCC Range and Frequency
1.4
1.2
0.8
0.4
0.6
0.2
1.0
010
20
- 55°C
+ 25°C
Frequency (MHz)
+ 125°C
5.5 VCC
1.4
1.2
0.8
0.4
0.6
0.2
1.0
010
20
Frequency (MHz)
4.5 VCC
5.0 VCC
5.5 VCC
X28HC64


Similar Part No. - X28HC64SMB-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC64SMB-12 XICOR-X28HC64SMB-12 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results

Similar Description - X28HC64SMB-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_09 Datasheet
363Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com