Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTP-254FFM-02 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTP-254FFM-02
Description  3 Phi 16x16 Multicolor Dot Matrix LED Displays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTP-254FFM-02 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTP-254FFM-02 Datasheet HTML 1Page - Lite-On Technology Corporation LTP-254FFM-02 Datasheet HTML 2Page - Lite-On Technology Corporation LTP-254FFM-02 Datasheet HTML 3Page - Lite-On Technology Corporation LTP-254FFM-02 Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
9-106
Com. An. Row 5
Ca. Column 8 Green
Ca. Column 1 Green
Ca. Column 2 Red
Ca. Column 7 Green
Ca. Column Row 9
Ca. Column 4 Green
Com. An. Row 10
Com. An. Row 11
Com. An. Row 12
Ca. Column 1 Red
Com. An. Row 13
No
1
2
3
4
5
6
7
8
9
10
11
12
Parameter
Power Dissipation Per Dot
Peak Forward Current Per Dot
Average Forward Current Per Dot
Derating Linear from 25
Per Dot
Reverse Voltage Per Dot
Operating Temperature Range
Storage Temperature Range
Solder Temperature 1/16 Inch Below Seating Plane for 3 Seconds at 260
Green
AlGaAs Red
75
100
13
0.17
5
75
125
15
0.20
5
Unit
mW
mA
mA
mA/
V
-35
to +85
-35
to +85
Pin Connection
(Com.=Common, An.=Anode, Ca.= Cathode, Col.=Column)
Internal Circuit Diagram
Absolute Maximum Ratings at Ta=25
Connection
No
13
14
15
16
17
18
19
20
21
22
23
24
Com. An. Row 3
Ca. Column 5 Red
Ca. Column 7 Red
Ca. Column 8 Red
Ca. Column 6 Green
Ca. Column 6 Red
Ca. Column 5 Green
Ca. Column 2 Green
Ca. Column 4 Red
Ca. Column 3 Green
Ca. Column 3 Red
Com. An. Row 14
Connection
25
26
27
28
29
30
31
32
33
34
35
36
No
Com. An. Row 15
Ca. Column 14 Green
Ca. Column 15 Red
Ca. Column 14 Red
Ca. Column 13 Red
Ca. Column 13 Green
Ca. Column 11 Red
Ca. Column 10Green
Ca. Column 9 Green
Ca. Column 10 Red
Ca. Column 12 Red
Com. An. Row 14
Connection
37
38
39
40
41
42
43
44
45
46
47
48
No
Connection
Com. An. Row 16
Ca. Column 16 Green
Ca. Column 15 Green
Ca. Column 16 Red
Com. An. Row 2
Ca. Column 12 Green
Com. An. Row 8
Ca. Column 1 Red
Com. An. Row 7
Com. An. Row 6
Ca. Column 11 Green
Com. An. Row 1


Similar Part No. - LTP-254FFM-02

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTP-251FFA LITEON-LTP-251FFA Datasheet
939Kb / 5P
   2.5 16x16 MULTICOLOR DOT MATRIX DISPLAY
LTP-2557C LITEON-LTP-2557C Datasheet
182Kb / 7P
   Property of Lite-On Only
LTP-2557JD LITEON-LTP-2557JD Datasheet
152Kb / 6P
   Property of Lite-On Only
LTP-2557KD LITEON-LTP-2557KD Datasheet
159Kb / 6P
   Property of Lite-On Only
LTP-2558AA LITEON-LTP-2558AA Datasheet
986Kb / 8P
   2.3 inch 5 x 8 SINGLE COLOR & MULTICOLOR DOT MATRIX DISPLAYS
More results

Similar Description - LTP-254FFM-02

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTP-251FFA LITEON-LTP-251FFA Datasheet
939Kb / 5P
   2.5 16x16 MULTICOLOR DOT MATRIX DISPLAY
logo
LightKey Optoelectronic...
LM1601616CD LIGHTKEY-LM1601616CD Datasheet
151Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616AB LIGHTKEY-LM1601616AB Datasheet
142Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
logo
Lite-On Technology Corp...
LTP-2558AA LITEON-LTP-2558AA Datasheet
986Kb / 8P
   2.3 inch 5 x 8 SINGLE COLOR & MULTICOLOR DOT MATRIX DISPLAYS
logo
List of Unclassifed Man...
ELM-2081SURWA ETC1-ELM-2081SURWA Datasheet
216Kb / 5P
   Dot Matrix Displays
logo
China Semiconductor Cor...
CSM-16151G CHINASEMI-CSM-16151G Datasheet
256Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151E CHINASEMI-CSM-16151E Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151S CHINASEMI-CSM-16151S Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151A9 CHINASEMI-CSM-16151A9 Datasheet
259Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
CSM-16151M9 CHINASEMI-CSM-16151M9 Datasheet
260Kb / 5P
   1.5 Inch 16X16 Dot-Matrix Display
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com