Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC64PMB-12 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X28HC64PMB-12
Description  5 Volt, Byte Alterable EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC64PMB-12 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X28HC64PMB-12 Datasheet HTML 2Page - Intersil Corporation X28HC64PMB-12 Datasheet HTML 3Page - Intersil Corporation X28HC64PMB-12 Datasheet HTML 4Page - Intersil Corporation X28HC64PMB-12 Datasheet HTML 5Page - Intersil Corporation X28HC64PMB-12 Datasheet HTML 6Page - Intersil Corporation X28HC64PMB-12 Datasheet HTML 7Page - Intersil Corporation X28HC64PMB-12 Datasheet HTML 8Page - Intersil Corporation X28HC64PMB-12 Datasheet HTML 9Page - Intersil Corporation X28HC64PMB-12 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN8109.0
June 1, 2005
HARDWARE DATA PROTECTION
The X28HC64 provides two hardware features that
protect nonvolatile data from inadvertent writes.
– Default VCC Sense—All write functions are inhibited
when VCC is 3V typically.
– Write Inhibit—Holding either OE LOW, WE HIGH, or
CE HIGH will prevent an inadvertent write cycle dur-
ing power-up and power-down, maintaining data
integrity.
SOFTWARE DATA PROTECTION
The X28HC64 offers a software controlled data pro-
tection feature. The X28HC64 is shipped from Intersil
with the software data protection NOT ENABLED; that
is, the device will be in the standard operating mode.
In this mode data should be protected during power-
up/-down operations through the use of external cir-
cuits. The host would then have open read and write
access of the device once VCC was stable.
The X28HC64 can be automatically protected during
power-up and power-down without the need for exter-
nal circuits by employing the software data protection
feature. The internal software data protection circuit is
enabled after the first write operation utilizing the soft-
ware algorithm. This circuit is nonvolatile and will
remain set for the life of the device, unless the reset
command is issued.
Once the software protection is enabled, the X28HC64
is also protected from inadvertent and accidental
writes in the powered-up state. That is, the software
algorithm must be issued prior to writing additional
data to the device.
SOFTWARE ALGORITHM
Selecting the software data protection mode requires
the host system to precede data write operations by a
series of three write operations to three specific
addresses. Refer to Figure 6 and 7 for the sequence.
The three-byte sequence opens the page write window,
enabling the host to write from one to sixty-four bytes
of data. Once the page load cycle has been com-
pleted, the device will automatically be returned to the
data protected state.
X28HC64


Similar Part No. - X28HC64PMB-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC64PMB-12 XICOR-X28HC64PMB-12 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results

Similar Description - X28HC64PMB-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_09 Datasheet
363Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com