Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33275D-3.3R2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC33275D-3.3R2
Description  LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33275D-3.3R2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC33275D-3.3R2 Datasheet HTML 4Page - ON Semiconductor MC33275D-3.3R2 Datasheet HTML 5Page - ON Semiconductor MC33275D-3.3R2 Datasheet HTML 6Page - ON Semiconductor MC33275D-3.3R2 Datasheet HTML 7Page - ON Semiconductor MC33275D-3.3R2 Datasheet HTML 8Page - ON Semiconductor MC33275D-3.3R2 Datasheet HTML 9Page - ON Semiconductor MC33275D-3.3R2 Datasheet HTML 10Page - ON Semiconductor MC33275D-3.3R2 Datasheet HTML 11Page - ON Semiconductor MC33275D-3.3R2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MC33275
http://onsemi.com
11
PACKAGE DIMENSIONS
DT SUFFIX
PLASTIC PACKAGE
CASE 369A–13
(DPAK)
ISSUE Z
D
A
K
B
R
V
S
F
L
G
2 PL
M
0.13 (0.005)
T
E
C
U
J
H
–T– SEATING
PLANE
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.250
5.97
6.35
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.033
0.040
0.84
1.01
F
0.037
0.047
0.94
1.19
G
0.180 BSC
4.58 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.102
0.114
2.60
2.89
L
0.090 BSC
2.29 BSC
R
0.175
0.215
4.45
5.46
S
0.020
0.050
0.51
1.27
U
0.020
–––
0.51
–––
V
0.030
0.050
0.77
1.27
Z
0.138
–––
3.51
–––
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
12
3
4


Similar Part No. - MC33275D-3.3R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33275D-3.3R2 ONSEMI-MC33275D-3.3R2 Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
MC33275D-3.3R2G ONSEMI-MC33275D-3.3R2G Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
More results

Similar Description - MC33275D-3.3R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33375 ONSEMI-MC33375 Datasheet
213Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
International Rectifier
IRU1502-33 IRF-IRU1502-33 Datasheet
125Kb / 11P
   MICROPOWER 1A LOW DROPOUT PMOS VOLTAGE REGULATOR
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI-LP5990_15 Datasheet
901Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
[Old version datasheet]   LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com