Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33349N-4R1 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC33349N-4R1
Description  Lithium Battery Protection Circuit for One Cell Battery Packs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33349N-4R1 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC33349N-4R1 Datasheet HTML 2Page - ON Semiconductor MC33349N-4R1 Datasheet HTML 3Page - ON Semiconductor MC33349N-4R1 Datasheet HTML 4Page - ON Semiconductor MC33349N-4R1 Datasheet HTML 5Page - ON Semiconductor MC33349N-4R1 Datasheet HTML 6Page - ON Semiconductor MC33349N-4R1 Datasheet HTML 7Page - ON Semiconductor MC33349N-4R1 Datasheet HTML 8Page - ON Semiconductor MC33349N-4R1 Datasheet HTML 9Page - ON Semiconductor MC33349N-4R1 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC33349
http://onsemi.com
6
Figure 9. Output Delay of Excess Current
vs Temperature
MC33349N–3X
Figure 10. Output Delay of Short Circuit
Detector vs Temperature
MC33349N–3X
Figure 11. Overvoltage Threshold Hysteresis
vs Temperature
MC33349N–3X / MC33349N–7X
TA, AMBIENT TEMPERATURE (°C)
Figure 12. Operating Current
vs Temperature
MC33349N–3X
0.210
0.205
0.195
0.190
– 40
– 20
0
20
40
60
80
100
–60
0.200
TA, AMBIENT TEMPERATURE (°C)
4.0
3.0
2.5
1.0
0.5
0.0
– 40
– 20
0
20
40
60
80
100
VDD = 3.9 V
VP– = 0 V
–60
1.5
2.0
3.5
TA, AMBIENT TEMPERATURE (°C)
16
12
10
4
2
0
– 40
– 20
0
20
40
60
80
100
VDD = 3.0 V
–60
6
8
14
TA, AMBIENT TEMPERATURE (°C)
10
4
2
0
– 40
– 20
0
20
40
60
80
100
–60
6
8
18
20
VDD = 3.0 V
Figure 13. Standby Current vs Temperature
MC33349N–3X
TA, AMBIENT TEMPERATURE (°C)
Figure 14. Cout Nch Driver On Voltage (Vol1)
vs Temperature
MC33349N–3X
0.40
0.30
0.25
0.10
0.05
0.00
– 40
– 20
0
20
40
60
80
100
–60
0.15
0.20
0.35
TA, AMBIENT TEMPERATURE (°C)
0.30
0.25
0.10
0.05
0.00
– 40
– 20
0
20
40
60
80
100
IOL = 50µA
VDD = 4.4V
–60
0.15
0.20
VDD = 2.0 V


Similar Part No. - MC33349N-4R1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33340 ONSEMI-MC33340 Datasheet
304Kb / 12P
   BATTERY FAST CHARGE CONTROLLERS
REV 3
MC33340 ONSEMI-MC33340 Datasheet
197Kb / 16P
   Battery Fast Charge Controllers
July, 2005 ??Rev. 7
MC33340D ONSEMI-MC33340D Datasheet
197Kb / 16P
   Battery Fast Charge Controllers
July, 2005 ??Rev. 7
MC33340DG ONSEMI-MC33340DG Datasheet
197Kb / 16P
   Battery Fast Charge Controllers
July, 2005 ??Rev. 7
MC33340DR2 ONSEMI-MC33340DR2 Datasheet
197Kb / 16P
   Battery Fast Charge Controllers
July, 2005 ??Rev. 7
More results

Similar Description - MC33349N-4R1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33348 ONSEMI-MC33348 Datasheet
182Kb / 12P
   LITHIUM BATTERY PROTECTION CIRCUIT FOR ONE CELL SMART BATTERY PACKS
1999 REV 2
NCP802 ONSEMI-NCP802 Datasheet
125Kb / 23P
   Highly Integrated Lithium Battery Protection Circuit for One Cell Battery Packs
September, 2004 ??Rev. 10
logo
Motorola, Inc
MC33346 MOTOROLA-MC33346 Datasheet
108Kb / 3P
   LITHIUM BATTERY PROTECTION CIRCUIT PROTECTION CIRCUIT THREE OR FOUR CELL SMART BATTERY PACKS
logo
E-CMOS Corporation
EC9526A E-CMOS-EC9526A Datasheet
842Kb / 10P
   One-cell Lithium Battery Protection IC
logo
Analog Intergrations Co...
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
   One-Cell Lithium-Ion Battery Protection IC
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
   ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
   One-cell lithium-ion/lithium-polymer battery protection IC
logo
AiT Semiconductor Inc.
A4004 AITSEMI-A4004 Datasheet
868Kb / 11P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.1
A4001 AITSEMI-A4001 Datasheet
860Kb / 10P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV2.0
A4059A AITSEMI-A4059A Datasheet
360Kb / 8P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com