Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33202VP Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC33202VP
Description  Rail-to-Rail Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33202VP Datasheet(HTML) 5 Page - ON Semiconductor

  MC33202VP Datasheet HTML 1Page - ON Semiconductor MC33202VP Datasheet HTML 2Page - ON Semiconductor MC33202VP Datasheet HTML 3Page - ON Semiconductor MC33202VP Datasheet HTML 4Page - ON Semiconductor MC33202VP Datasheet HTML 5Page - ON Semiconductor MC33202VP Datasheet HTML 6Page - ON Semiconductor MC33202VP Datasheet HTML 7Page - ON Semiconductor MC33202VP Datasheet HTML 8Page - ON Semiconductor MC33202VP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MC33201, MC33202, MC33204, NCV33202, NCV33204
http://onsemi.com
5
300
260
220
180
TA, AMBIENT TEMPERATURE (°C)
100
140
TCVIO, INPUT OFFSET VOLTAGE TEMPERATURE COEFFICIENT (mV/°C)
50
30
0
40
10
20
Figure 2. Maximum Power Dissipation
versus Temperature
Figure 3. Input Offset Voltage Distribution
40
35
VIO, INPUT OFFSET VOLTAGE (mV)
30
25
15
0
20
Figure 4. Input Offset Voltage
Temperature Coefficient Distribution
2500
2000
1000
500
0
TA, AMBIENT TEMPERATURE (°C)
Figure 5. Input Bias Current
versus Temperature
Figure 6. Input Bias Current
versus Common Mode Voltage
Figure 7. Open Loop Voltage Gain versus
Temperature
150
50
0
−50
VCM, INPUT COMMON MODE VOLTAGE (V)
1500
200
160
120
80
TA, AMBIENT TEMPERATURE (°C)
0
40
5.0
10
VCC = +5.0 V
VEE = Gnd
VCM > 1.0 V
VCM = 0 V to 0.5 V
100
−100
−150
−200
−250
−55 −40 −25
0
25
70
85
125
−50
0
20
40
50
−10
10
30
−30
−40
−20
−10
0
4.0
8.0
10
−55 −40 −25
0
25
50
85
125
2.0
4.0
−2.0
2.0
6.0
−6.0
−8.0
−4.0
−55 −40 −25
0
25
70
85
125
0
6.0
8.0
10
12
105
8 and 14 Pin DIP Pkg
SO−14 Pkg
SOIC−8
Pkg
360 amplifiers tested from
3 (MC33204) wafer lots
VCC = +5.0 V
VEE = Gnd
TA = 25°C
DIP Package
360 amplifiers tested from
3 (MC33204) wafer lots
VCC = +5.0 V
VEE = Gnd
TA = 25°C
DIP Package
VCC = +5.0 V
VEE = Gnd
RL = 600 W
DVO = 0.5 V to 4.5 V
VCC = 12 V
VEE = Gnd
TA = 25°C
TSSOP−14 Pkg


Similar Part No. - MC33202VP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33202VP ONSEMI-MC33202VP Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
MC33202VPG ONSEMI-MC33202VPG Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
MC33202VPG ONSEMI-MC33202VPG Datasheet
215Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
April, 2014 ??Rev. 17
More results

Similar Description - MC33202VP

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1582 GMT-G1582 Datasheet
604Kb / 1P
   Rail-to-Rail Operational Amplifiers
G1564 GMT-G1564 Datasheet
416Kb / 1P
   Quadruple Rail-to-Rail Operational Amplifiers
logo
Texas Instruments
OPA347 TI-OPA347_07 Datasheet
958Kb / 25P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
   Output Rail-to-Rail Operational Amplifiers
logo
Texas Instruments
OPA27CJ TI-OPA27CJ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA37EZ TI-OPA37EZ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
logo
Global Mixed-mode Techn...
G1563 GMT-G1563 Datasheet
651Kb / 1P
   Dual Rail-to-Rail Operational Amplifiers
G1584 GMT-G1584 Datasheet
711Kb / 1P
   Quadruple Rail-to-Rail Operational Amplifiers
logo
Texas Instruments
OPA37AZ TI1-OPA37AZ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347 TI-OPA347 Datasheet
470Kb / 21P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com