Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC64FMB-90 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X28HC64FMB-90
Description  5 Volt, Byte Alterable EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC64FMB-90 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X28HC64FMB-90 Datasheet HTML 6Page - Intersil Corporation X28HC64FMB-90 Datasheet HTML 7Page - Intersil Corporation X28HC64FMB-90 Datasheet HTML 8Page - Intersil Corporation X28HC64FMB-90 Datasheet HTML 9Page - Intersil Corporation X28HC64FMB-90 Datasheet HTML 10Page - Intersil Corporation X28HC64FMB-90 Datasheet HTML 11Page - Intersil Corporation X28HC64FMB-90 Datasheet HTML 12Page - Intersil Corporation X28HC64FMB-90 Datasheet HTML 13Page - Intersil Corporation X28HC64FMB-90 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN8109.0
June 1, 2005
ABSOLUTE MAXIMUM RATINGS
Temperature under bias
X28HC64 ......................................... -10°C to +85°C
X28HC64I, X28HC64M .................. -65°C to +135°C
Storage temperature ......................... -65°C to +150°C
Voltage on any pin with
respect to VSS ......................................... -1V to +7V
D.C. output current ............................................... 5mA
Lead temperature
(soldering, 10 seconds).................................. 300°C
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those indi-
cated in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
Notes: (1) Typical values are for TA = 25°C and nominal supply voltage
(2) VIL min. and VIH max. are for reference only and are not tested.
Temperature
Min.
Max.
Commercial
0°C
+70°C
Industrial
-40°C
+85°C
Military
-55°C
+125°C
Supply Voltage
Limits
X28HC64
5V ±10%
Symbol
Parameter
Limits
Unit
Test Conditions
Min.
Typ.(1)
Max.
ICC
VCC current (active)
(TTL inputs)
15
40
mA
CE = OE = VIL, WE = VIH, All I/O’s = open,
address inputs = TTL levels @ f = 10 MHz
ISB1
VCC current (standby)
(TTL inputs)
12
mA
CE = VIH, OE = VIL All I/O’s = open,
other inputs = VIH
ISB2
VCC current (standby)
(CMOS inputs)
100
200
µA
CE = VCC - 0.3V, OE = GND, All I/O’s = open,
other inputs = VCC - 0.3V
ILI
Input leakage current
±10
µA
VIN = VSS to VCC
ILO
Output leakage current
±10
µA
VOUT = VSS to VCC, CE = VIH
VlL(2)
Input LOW voltage
-1
0.8
V
VIH(2)
Input HIGH voltage
2
VCC + 1
V
VOL
Output LOW voltage
0.4
V
IOL = 5mA
VOH
Output HIGH voltage
2.4
V
IOH = -5mA
X28HC64


Similar Part No. - X28HC64FMB-90

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC64FMB-90 XICOR-X28HC64FMB-90 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results

Similar Description - X28HC64FMB-90

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_09 Datasheet
363Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com