Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V846ME07 Datasheet(PDF) 1 Page - Z-Communications, Inc

Part # V846ME07
Description  LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

V846ME07 Datasheet(HTML) 1 Page - Z-Communications, Inc

  V846ME07 Datasheet HTML 1Page - Z-Communications, Inc V846ME07 Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-130
-120
-110
-100
-90
-80
-70
-60
-50
1000
10000
100000
V846ME07
Direct Broadcast
Satellite Up/Down Conversion
Microwave Radios
5
22
1±2
3000
0.3-11.7
92
-87
-15
<6
<8
50
50
-40 to 80
Oscillation Frequency Range
Phase Noise @ 10 kHz offset (1 Hz BW, typ.)
Harmonic Suppression (2nd, typ.)
Tuning Voltage
Tuning Sensitivity (avg.)
Power Output
Load Impedance
Input Capacitance (max.)
Pushing
Pulling (14 dB Return Loss, Any Phase)
Operating Temperature Range
Package Style
MINI-14H-L
MHz
dBc/Hz
dBc
Vdc
MHz/V
dBm
pF
MHz/V
MHz
°C
Vdc
mA
Supply Voltage (Vcc, nom.)
Supply Current (Icc, typ.)
All specifications are typical unless otherwise noted and subject to change without notice.
PHASE NOISE (1 Hz BW, typical)
© Z-Communications, Inc.
All rights reserved
Page 1
VOLTAGE CONTROLLED OSCILLATOR
FEATURES
APPLICATIONS
PERFORMANCE SPECIFICATIONS
VALUE
UNITS
POWER SUPPLY REQUIREMENTS
APPLICATION NOTES
3000 3700
-
MHz
• Frequency Range:
• Tuning Voltage: 0.3-11.7 Vdc
- Style Package
MINI-14H-L
A
Rev
AN-100/1 : Mounting and Grounding of VCOs
AN-102 : Proper Output Loading of VCOs
AN-107 : How to Solder Z-COMM VCOs
NOTES:
9939 Via Pasar • San Diego, CA 92126
TEL (858) 621-2700 FAX (858) 621-2722
- 3700
OFFSET (Hz)


Similar Part No. - V846ME07

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V846ME07-LF ZCOMM-V846ME07-LF Datasheet
87Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
V846ME07-LF ZCOMM-V846ME07-LF Datasheet
87Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
V846ME07-LF ZCOMM-V846ME07-LF Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
V846ME07-LF ZCOMM-V846ME07-LF_10 Datasheet
87Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
V846ME07-LF ZCOMM-V846ME07-LF_14 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
More results

Similar Description - V846ME07

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CRO2065B ZCOMM-CRO2065B Datasheet
48Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CRO2117A ZCOMM-CRO2117A Datasheet
100Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
SMV0186A ZCOMM-SMV0186A Datasheet
175Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
SMV1204L ZCOMM-SMV1204L Datasheet
132Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
SMV1350B ZCOMM-SMV1350B Datasheet
147Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V612ME04 ZCOMM-V612ME04 Datasheet
158Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V613ME16 ZCOMM-V613ME16 Datasheet
71Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V626ME03 ZCOMM-V626ME03 Datasheet
162Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V626ME10 ZCOMM-V626ME10 Datasheet
98Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V630ME02 ZCOMM-V630ME02 Datasheet
189Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V630ME05 ZCOMM-V630ME05 Datasheet
158Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com