Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X4163V8 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X4163V8
Description  CPU Supervisor with 16K EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4163V8 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X4163V8 Datasheet HTML 3Page - Intersil Corporation X4163V8 Datasheet HTML 4Page - Intersil Corporation X4163V8 Datasheet HTML 5Page - Intersil Corporation X4163V8 Datasheet HTML 6Page - Intersil Corporation X4163V8 Datasheet HTML 7Page - Intersil Corporation X4163V8 Datasheet HTML 8Page - Intersil Corporation X4163V8 Datasheet HTML 9Page - Intersil Corporation X4163V8 Datasheet HTML 10Page - Intersil Corporation X4163V8 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
FN8120.0
April 13, 2005
Writing to the Control Register
Changing any of the nonvolatile bits of the control reg-
ister requires the following steps:
– Write a 02H to the Control Register to set the Write
Enable Latch (WEL). This is a volatile operation, so
there is no delay after the write. (Operation pre-
ceeded by a start and ended with a stop).
– Write a 06H to the Control Register to set both the
Register Write Enable Latch (RWEL) and the WEL
bit. This is also a volatile cycle. The zeros in the data
byte are required. (Operation preceeded by a start
and ended with a stop).
– Write a value to the Control Register that has all the
control bits set to the desired state. This can be rep-
resented as 0xys t01r in binary, where xy are the
WD bits. (Operation preceeded by a start and ended
with a stop). Since this is a nonvolatile write cycle it
will take up to 10ms to complete. The RWEL bit is
reset by this cycle and the sequence must be
repeated to change the nonvolatile bits again. If bit 2
is set to ‘1’ in this third step (0xys t11r) then the
RWEL bit is set, but the BP2, BP1, BP0, WD1 and
WD0 bits remain unchanged. Writing a second byte
to the control register is not allowed. Doing so aborts
the write operation and returns a NACK.
– A read operation occurring between any of the previ-
ous operations will not interrupt the register write
operation.
– The RWEL bit cannot be reset without writing to the
nonvolatile control bits in the control register, power
cycling the device or attempting a write to a write
protected block.
To illustrate, a sequence of writes to the device con-
sisting of [02H, 06H, 02H] will reset all of the nonvola-
tile bits in the Control Register to 0. A sequence of
[02H, 06H, 06H] will leave the nonvolatile bits
unchanged and the RWEL bit remains set.
SERIAL INTERFACE
Serial Interface Conventions
The device supports a bidirectional bus oriented proto-
col. The protocol defines any device that sends data
onto the bus as a transmitter, and the receiving device
as the receiver. The device controlling the transfer is
called the master and the device being controlled is
called the slave. The master always initiates data
transfers, and provides the clock for both transmit and
receive operations. Therefore, the devices in this fam-
ily operate as slaves in all applications.
Serial Clock and Data
Data states on the SDA line can change only during
SCL LOW. SDA state changes during SCL HIGH are
reserved for indicating start and stop conditions. See
Figure 5.
Figure 5. Valid Data Changes on the SDA Bus
SCL
SDA
Data Stable
Data Change
Data Stable
X4163, X4165


Similar Part No. - X4163V8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4163V8 INTERSIL-X4163V8 Datasheet
345Kb / 22P
   CPU Supervisor with 16K EEPROM
November 26, 2007
X4163V8-2.7 INTERSIL-X4163V8-2.7 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163V8-2.7 INTERSIL-X4163V8-2.7 Datasheet
345Kb / 22P
   CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Renesas Technology Corp
X4163V8-2.7 RENESAS-X4163V8-2.7 Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Intersil Corporation
X4163V8-2.7A INTERSIL-X4163V8-2.7A Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
More results

Similar Description - X4163V8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163-65 INTERSIL-X4163-65 Datasheet
345Kb / 22P
   CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Renesas Technology Corp
X4163 RENESAS-X4163 Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
X4283 RENESAS-X4283 Datasheet
881Kb / 22P
   128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
X4283 XICOR-X4283 Datasheet
412Kb / 22P
   CPU Supervisor with 128K EEPROM
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com