Electronic Components Datasheet Search |
|
X4043M8Z-4.5A Datasheet(PDF) 11 Page - Intersil Corporation |
|
X4043M8Z-4.5A Datasheet(HTML) 11 Page - Intersil Corporation |
11 / 24 page 11 FN8118.1 September 30, 2005 Figure 8. Acknowledge Response From Receiver X4043/45 ADDRESSING Slave Address Byte Following a start condition, the master must output a slave address byte. This byte consists of several parts: – a device type identifier that is ‘1010’ to access the array and ‘1011’ to access the control register. – two bits of ‘0’. – one bit that becomes the MSB of the address. – one bit of the slave command byte is a R/W bit. The R/W bit of the slave address byte defines the opera- tion to be performed. When the R/W bit is a one, then a read operation is selected. A zero selects a write operation. Refer to Figure 8. – After loading the entire slave address byte from the SDA bus, the device compares the input slave byte data to the proper slave byte. Upon a correct compare, the device outputs an acknowledge on the SDA line. Word Address The word address is either supplied by the master or obtained from an internal counter. The internal counter is undefined on a power-up condition. Slave Address Byte Figure 9. X4043/45 Addressing Operational Notes The device powers-up in the following state: – The device is in the low power standby state. – The WEL bit is set to ‘0’. In this state it is not possi- ble to write to the device. – SDA pin is the input mode. – RESET signal is active for tPURST. SERIAL WRITE OPERATIONS Byte Write For a write operation, the device requires the slave address byte and a word address byte. This gives the master access to any one of the words in the array. After receipt of the word address byte, the device responds with an acknowledge, and awaits the next eight bits of data. After receiving the 8 bits of the data byte, the device again responds with an acknowledge. The master then terminates the transfer by generating a stop condition, at which time the device begins the inter- nal write cycle to the nonvolatile memory. During this internal write cycle, the device inputs are disabled, so the device will not respond to any requests from the master. The SDA output is at high impedance. See Figure 10. A write to a protected block of memory will suppress the acknowledge bit. Data Output from Transmitter Data Output from Receiver 8 1 9 Start Acknowledge SCL from Master Array Control Reg. 1 1 0 0 1 1 0 1 00 A8 R/W A7 A6 A5 A4 A3 A2 A1 A0 Word Address Slave Byte X4043, X4045 |
Similar Part No. - X4043M8Z-4.5A |
|
Similar Description - X4043M8Z-4.5A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |