Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC64KI-90 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X28HC64KI-90
Description  5 Volt, Byte Alterable EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC64KI-90 Datasheet(HTML) 2 Page - Intersil Corporation

  X28HC64KI-90 Datasheet HTML 1Page - Intersil Corporation X28HC64KI-90 Datasheet HTML 2Page - Intersil Corporation X28HC64KI-90 Datasheet HTML 3Page - Intersil Corporation X28HC64KI-90 Datasheet HTML 4Page - Intersil Corporation X28HC64KI-90 Datasheet HTML 5Page - Intersil Corporation X28HC64KI-90 Datasheet HTML 6Page - Intersil Corporation X28HC64KI-90 Datasheet HTML 7Page - Intersil Corporation X28HC64KI-90 Datasheet HTML 8Page - Intersil Corporation X28HC64KI-90 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN8109.0
June 1, 2005
PIN DESCRIPTIONS
Addresses (A0-A12)
The Address inputs select an 8-bit memory location
during a read or write operation.
Chip Enable (CE)
The Chip Enable input must be LOW to enable all
read/write operations. When CE is HIGH, power con-
sumption is reduced.
Output Enable (OE)
The Output Enable input controls the data output buff-
ers and is used to initiate read operations.
Data In/Data Out (I/O0-I/O7)
Data is written to or read from the X28HC64 through
the I/O pins.
Write Enable (WE)
The Write Enable input controls the writing of data to
the X28HC64.
PIN NAMES
BLOCK DIAGRAM
Symbol
Description
A0-A12
Address Inputs
I/O0-I/O7
Data Input/Output
WE
Write Enable
CE
Chip Enable
OE
Output Enable
VCC
+5V
VSS
Ground
NC
No Connect
X Buffers
Latches and
Decoder
I/O Buffers
and Latches
Y Buffers
Latches
Decoder
Control
Logic and
Timing
65,536-Bit
EEPROM
Array
I/O0–I/O7
Data Inputs/Outputs
CE
OE
VCC
VSS
A0–A12
WE
Address
Inputs
and
X28HC64


Similar Part No. - X28HC64KI-90

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC64KI-90 XICOR-X28HC64KI-90 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results

Similar Description - X28HC64KI-90

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_09 Datasheet
363Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com