Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28C010RI-20 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X28C010RI-20
Description  5 Volt, Byte Alterable EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28C010RI-20 Datasheet(HTML) 3 Page - Intersil Corporation

  X28C010RI-20 Datasheet HTML 1Page - Intersil Corporation X28C010RI-20 Datasheet HTML 2Page - Intersil Corporation X28C010RI-20 Datasheet HTML 3Page - Intersil Corporation X28C010RI-20 Datasheet HTML 4Page - Intersil Corporation X28C010RI-20 Datasheet HTML 5Page - Intersil Corporation X28C010RI-20 Datasheet HTML 6Page - Intersil Corporation X28C010RI-20 Datasheet HTML 7Page - Intersil Corporation X28C010RI-20 Datasheet HTML 8Page - Intersil Corporation X28C010RI-20 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
FN8105.0
May 11, 2005
Block Diagram
Pin Descriptions
Addresses (A0-A16)
The Address inputs select an 8-bit memory location during a
read or write operation.
Chip Enable (CE)
The Chip Enable input must be LOW to enable all read/write
operations. When CE is HIGH, power consumption is
reduced.
Output Enable (OE)
The Output Enable input controls the data output buffers,
and is used to initiate read operations.
Data In/Data Out (I/O0-I/O7)
Data is written to or read from the X28C010 through the I/O
pins.
Write Enable (WE)
The Write Enable input controls the writing of data to the
X28C010.
Device Operation
Read
Read operations are initiated by both OE and CE LOW. The
read operation is terminated by either CE or OE returning
HIGH. This two line control architecture eliminates bus
contention in a system environment. The data bus will be in
a high impedance state when either OE or CE is HIGH.
Write
Write operations are initiated when both CE and WE are
LOW and OE is HIGH. The X28C010 supports both a CE
and WE controlled write cycle. That is, the address is latched
by the falling edge of either CE or WE, whichever occurs
last. Similarly, the data is latched internally by the rising edge
of either CE or WE, whichever occurs first. A byte write
operation, once initiated, will automatically continue to
completion, typically within 5ms.
X Buffers
Latches and
Decoder
I/O Buffers
and Latches
Y Buffers
Decoder
Control
Logic and
Timing
1Mbit
EEPROM
Array
I/O0-I/O7
Data Inputs/Outputs
CE
OE
VCC
VSS
WE
A0-A7
Latches and
A8-A16
Pin Names
SYMBOL
DESCRIPTION
A0-A16
Address Inputs
I/O0-I/O7
Data Input/Output
WE
Write Enable
CE
Chip Enable
OE
Output Enable
VCC
+5V
VSS
Ground
NC
No Connect
X28C010


Similar Part No. - X28C010RI-20

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C010RI-20 XICOR-X28C010RI-20 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28C010RI-20 INTERSIL-X28C010RI-20 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C010RI-20 INTERSIL-X28C010RI-20 Datasheet
446Kb / 20P
   Protects data against system level inadvertent writes
logo
Renesas Technology Corp
X28C010RI-20 RENESAS-X28C010RI-20 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
logo
Intersil Corporation
X28C010RI-20T1 INTERSIL-X28C010RI-20T1 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
More results

Similar Description - X28C010RI-20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_09 Datasheet
363Kb / 17P
   5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com