Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BRA144 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # BRA144
Description  PNP Built-in Resistor Transistor CMPAK Series Inverter, Driver, Switching
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

BRA144 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button BRA144 Datasheet HTML 4Page - Hitachi Semiconductor BRA144 Datasheet HTML 5Page - Hitachi Semiconductor BRA144 Datasheet HTML 6Page - Hitachi Semiconductor BRA144 Datasheet HTML 7Page - Hitachi Semiconductor BRA144 Datasheet HTML 8Page - Hitachi Semiconductor BRA144 Datasheet HTML 9Page - Hitachi Semiconductor BRA144 Datasheet HTML 10Page - Hitachi Semiconductor BRA144 Datasheet HTML 11Page - Hitachi Semiconductor BRA144 Datasheet HTML 12Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BRA144ECM Series
Rev.2, Sep. 2001, page 8 of 12
Main Characteristics (BRA143ECM)
–100
–80
–60
–40
–20
0
–1
–2
–3
–4
–5
Supply Voltage VCC (V)
–0.5
–1.0
–1.5
–2.0
–2.5
0
–10
–1.0
–0.1
–0.01
–0.001
Input Voltage
VI (V)
–1.0
–0.1
–0.01
–0.001
–1.0
–10
–100
–0.1
Output Current IO (mA)
–100
–10
–1.0
–0.1
–0.1
–1.0
–10
–100
Output Current IO (mA)
200
100
0
–1
–10
–100
Output Current IO (mA)
Output Current vs. Supply Voltage
DC Current Gain vs. Output Current
Input Voltage vs. Output Current
Output Current vs. Input Voltage
Output On Voltage vs. Output Current
RL = 0
Pulse test
–0.5
II = –0.2 mA
–0.3
–0.4
–1.0
–0.6
–0.7
–0.8
–0.9
VCC = –5 V
RL = 0
Pulse test
IO / II = 20
Pulse test
VCC = –5 V
RL = 0
Pulse test
VCC = –0.3 V
RL = 0
Pulse test
Ta = –25 ˚C
25 ˚C
75 ˚C
25 ˚C
Ta = –25 ˚C
75 ˚C
Ta = –25 ˚C
25 ˚C
75 ˚C
75 ˚C
25 ˚C
Ta = –25 ˚C


Similar Part No. - BRA144

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BRA144EMP HITACHI-BRA144EMP Datasheet
120Kb / 12P
   PNP Built-in Resistor Transistor MPAK Series Inverter, Driver, Switching
BRA144ETP HITACHI-BRA144ETP Datasheet
125Kb / 12P
   PNP Built-in Resistor Transistor TO-92 Series Inverter, Driver, Switching
More results

Similar Description - BRA144

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BRC144ECM HITACHI-BRC144ECM Datasheet
118Kb / 12P
   NPN Built-in Resistor Transistor CMPAK Series Inverter, Driver, Switching
BRA144EMP HITACHI-BRA144EMP Datasheet
120Kb / 12P
   PNP Built-in Resistor Transistor MPAK Series Inverter, Driver, Switching
BRA144ETP HITACHI-BRA144ETP Datasheet
125Kb / 12P
   PNP Built-in Resistor Transistor TO-92 Series Inverter, Driver, Switching
logo
NEC
GN1L4L NEC-GN1L4L Datasheet
172Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1L4M NEC-GN1L4M Datasheet
186Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1A4M NEC-GN1A4M Datasheet
181Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1L3M NEC-GN1L3M Datasheet
168Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1L3N NEC-GN1L3N Datasheet
170Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1L3Z NEC-GN1L3Z Datasheet
199Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1A4P NEC-GN1A4P Datasheet
174Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com