Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BRA123ECM Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # BRA123ECM
Description  PNP Built-in Resistor Transistor CMPAK Series Inverter, Driver, Switching
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

BRA123ECM Datasheet(HTML) 3 Page - Hitachi Semiconductor

  BRA123ECM Datasheet HTML 1Page - Hitachi Semiconductor BRA123ECM Datasheet HTML 2Page - Hitachi Semiconductor BRA123ECM Datasheet HTML 3Page - Hitachi Semiconductor BRA123ECM Datasheet HTML 4Page - Hitachi Semiconductor BRA123ECM Datasheet HTML 5Page - Hitachi Semiconductor BRA123ECM Datasheet HTML 6Page - Hitachi Semiconductor BRA123ECM Datasheet HTML 7Page - Hitachi Semiconductor BRA123ECM Datasheet HTML 8Page - Hitachi Semiconductor BRA123ECM Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BRA144ECM Series
Rev. 2, Sep. 2001, page 3 of 12
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
BRA144ECM
–1.5
–4.5
BRA124ECM
–1.3
–3.0
BRA114ECM
–1.2
–2.4
BRA143ECM
–1.1
–2.0
Input on voltage
BRA123ECM
V
I(on)
–1.1
–1.8
VV
CC = –0.3 V,
I
O = –5 mA
BRA144ECM
–1.0
–1.5
BRA124ECM
–1.0
–1.5
BRA114ECM
–1.0
–1.5
BRA143ECM
–1.0
–1.5
Input off voltage
BRA123ECM
V
I(off)
–1.0
–1.5
VV
CC = –5 V,
I
O = –100 µA
Output saturation voltage
V
O(on)

–0.3
V
I
O = –10 mA,
I
I = –0.5 mA
Output cutoff current
I
O(off)

–0.5
µAV
CC = –50 V, II = 0
BRA144ECM
70

BRA124ECM
56

BRA114ECM
30

V
CC = –5 V, IO = –5 mA
BRA143ECM
20

V
CC = –5 V, IO = –10 mA
DC current
transfer ratio
BRA123ECM
Gi
20

V
CC = –5 V, IO = –20 mA
BRA144ECM
33
47
61
BRA124ECM
15
22
28
BRA114ECM
7
10
13
BRA143ECM
3.3
4.7
6.1
Input resistance
BRA123ECM
R
1
1.5
2.2
2.8
k
Resistance ratio
R
1/R2
0.8
1.0
1.2


Similar Part No. - BRA123ECM

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BRA123EMP HITACHI-BRA123EMP Datasheet
120Kb / 12P
   PNP Built-in Resistor Transistor MPAK Series Inverter, Driver, Switching
BRA123ETP HITACHI-BRA123ETP Datasheet
125Kb / 12P
   PNP Built-in Resistor Transistor TO-92 Series Inverter, Driver, Switching
More results

Similar Description - BRA123ECM

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BRC144ECM HITACHI-BRC144ECM Datasheet
118Kb / 12P
   NPN Built-in Resistor Transistor CMPAK Series Inverter, Driver, Switching
BRA144EMP HITACHI-BRA144EMP Datasheet
120Kb / 12P
   PNP Built-in Resistor Transistor MPAK Series Inverter, Driver, Switching
BRA144ETP HITACHI-BRA144ETP Datasheet
125Kb / 12P
   PNP Built-in Resistor Transistor TO-92 Series Inverter, Driver, Switching
logo
NEC
GN1L4L NEC-GN1L4L Datasheet
172Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1L4M NEC-GN1L4M Datasheet
186Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1A4M NEC-GN1A4M Datasheet
181Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1L3M NEC-GN1L3M Datasheet
168Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1L3N NEC-GN1L3N Datasheet
170Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1L3Z NEC-GN1L3Z Datasheet
199Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1A4P NEC-GN1A4P Datasheet
174Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com