Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33341 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC33341
Description  POWER SUPPLY BATTERY CHARGER REGULATION CONTROL CIRCUIT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33341 Datasheet(HTML) 2 Page - ON Semiconductor

  MC33341 Datasheet HTML 1Page - ON Semiconductor MC33341 Datasheet HTML 2Page - ON Semiconductor MC33341 Datasheet HTML 3Page - ON Semiconductor MC33341 Datasheet HTML 4Page - ON Semiconductor MC33341 Datasheet HTML 5Page - ON Semiconductor MC33341 Datasheet HTML 6Page - ON Semiconductor MC33341 Datasheet HTML 7Page - ON Semiconductor MC33341 Datasheet HTML 8Page - ON Semiconductor MC33341 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MC33341
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage (Pin 7)
VCC
16
V
Voltage Range
Current Sense Input A (Pin 1)
Current Threshold Adjust (Pin 2)
Compensation (Pin 3)
Voltage Sense Input (Pin 5)
Current Sense Input B/Voltage Threshold Adjust (Pin 6)
Drive Output (Pin 8)
VIR
–1.0 to VCC
V
Drive Output Source Current (Pin 8)
ISource
50
mA
Thermal Resistance, Junction–to–Air
P Suffix, DIP Plastic Package, Case 626
D Suffix, SO–8 Plastic Package, Case 751
R
θJA
100
178
°C/W
Operating Junction Temperature (Note 1)
TJ
–25 to +150
°C
Storage Temperature
Tstg
–55 to +150
°C
NOTE: ESD data available upon request.
ELECTRICAL CHARACTERISTICS (VCC = 6.0 V, TA = 25°C, for min/max values TA is the operating junction
temperature range that applies (Note 1), unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
CURRENT SENSING (Pins 1, 2, 6)
High–Side Source and Load Sensing Pin 1 to Pin 6 (Pin 1 >1.6 V)
Vth(I HS)
mV
Internally Fixed Threshold Voltage (Pin 2 = VCC)
TA = 25°C
187
197
207
TA = Tlow to Thigh
183
211
Externally Adjusted Threshold Voltage (Pin 2 = 0 V)
10
Externally Adjusted Threshold Voltage (Pin 2 = 200 mV)
180
Low–Side Load Sensing Pin 1 to Pin 4 (Pin 1 = 0 V to 0.8 V)
Vth(I LS+)
mV
Internally Fixed Threshold Voltage (Pin 2 = VCC)
TA = 25°C
194
200
206
TA = Tlow to Thigh
192
208
Externally Adjusted Threshold Voltage (Pin 2 = 0 V)
10
Externally Adjusted Threshold Voltage (Pin 2 = 200 mV)
180
Low–Side Source Return Sensing Pin 1 to 4 (Pin 1 = 0 V to –0.2 V)
Vth(I LS–)
mV
Internally Fixed Threshold Voltage (Pin 2 = VCC)
TA = 25°C
–195
–201
–207
TA = Tlow to Thigh
–193
–209
Externally Adjusted Threshold Voltage (Pin 2 = 0 V)
–10
Externally Adjusted Threshold Voltage (Pin 2 = 200 mV)
–180
Current Sense Input A (Pin 1)
Input Bias Current, High–Side Source and Load Sensing
(Pin 2 = 0 V to VPin 6 V)
IIB(A HS)
40
µA
Input Bias Current, Low–Side Load Sensing
(Pin 2 = 0 V to 0.8 V)
IIB(A LS+)
10
nA
Input Resistance, Low–Side Source Return Sensing
(Pin 2 = –0.6 V to 0 V)
Rin(A LS–)
10
k
Current Sense Input B/Voltage Threshold Adjust (Pin 6)
IIB(B)
Input Bias Current
High–Side Source and Load Current Sensing (Pin 6 > 2.0 V)
20
µA
Voltage Threshold Adjust (Pin 6 < 1.2 V)
100
nA
Current Sense Threshold Adjust (Pin 2)
IIB(I th)
10
nA
Input Bias Current
Transconductance, Current Sensing Inputs to Drive Output
gm(I)
6.0
mhos
NOTE: 1. Tested ambient temperature range for the MC33341: Tlow = –25°C, Thigh = +85°C.


Similar Part No. - MC33341

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33341 ONSEMI-MC33341 Datasheet
243Kb / 19P
   Power Supply Battery Charger Regulation Control Circuit
August, 2006 ??Rev. 4
MC33341D ONSEMI-MC33341D Datasheet
243Kb / 19P
   Power Supply Battery Charger Regulation Control Circuit
August, 2006 ??Rev. 4
MC33341DG ONSEMI-MC33341DG Datasheet
243Kb / 19P
   Power Supply Battery Charger Regulation Control Circuit
August, 2006 ??Rev. 4
MC33341DR2 ONSEMI-MC33341DR2 Datasheet
243Kb / 19P
   Power Supply Battery Charger Regulation Control Circuit
August, 2006 ??Rev. 4
MC33341DR2G ONSEMI-MC33341DR2G Datasheet
243Kb / 19P
   Power Supply Battery Charger Regulation Control Circuit
August, 2006 ??Rev. 4
More results

Similar Description - MC33341

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33341 ONSEMI-MC33341_06 Datasheet
243Kb / 19P
   Power Supply Battery Charger Regulation Control Circuit
August, 2006 ??Rev. 4
logo
NXP Semiconductors
TEA1088T PHILIPS-TEA1088T Datasheet
1Mb / 19P
   SMPS battery charger control circuit
April 1991
logo
Anpec Electronics Corop...
APL3202 ANPEC-APL3202 Datasheet
275Kb / 18P
   Li Battery Charger with Thermal Regulation
logo
STMicroelectronics
STBC21 STMICROELECTRONICS-STBC21 Datasheet
1Mb / 54P
   LI battery charger with thermal regulation
logo
Anpec Electronics Corop...
APL3201 ANPEC-APL3201 Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
logo
Maxim Integrated Produc...
MAX17201G MAXIM-MAX17201G Datasheet
2Mb / 24P
   Battery charger or power supply
Rev 1; 4/16
MAX17055GEVKIT MAXIM-MAX17055GEVKIT Datasheet
1Mb / 19P
   Battery charger or power supply
Rev 0; 1/17
logo
STMicroelectronics
AN2063 STMICROELECTRONICS-AN2063 Datasheet
397Kb / 15P
   The new regulation on the power supply standby consumption for the battery charger
logo
Shenzhen Huazhimei Semi...
HM5053 HMSEMI-HM5053 Datasheet
3Mb / 6P
   High-precision linear lithium battery charger control circuit
logo
Gamewell-FCI by Honeywe...
PM-9G GAMEWELL-FCI-PM-9G Datasheet
65Kb / 1P
   PM-9G Power Supply and Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com