Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28C010DMB-15 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X28C010DMB-15
Description  5 Volt, Byte Alterable EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28C010DMB-15 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X28C010DMB-15 Datasheet HTML 4Page - Intersil Corporation X28C010DMB-15 Datasheet HTML 5Page - Intersil Corporation X28C010DMB-15 Datasheet HTML 6Page - Intersil Corporation X28C010DMB-15 Datasheet HTML 7Page - Intersil Corporation X28C010DMB-15 Datasheet HTML 8Page - Intersil Corporation X28C010DMB-15 Datasheet HTML 9Page - Intersil Corporation X28C010DMB-15 Datasheet HTML 10Page - Intersil Corporation X28C010DMB-15 Datasheet HTML 11Page - Intersil Corporation X28C010DMB-15 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
FN8105.0
May 11, 2005
In the event the user wants to deactivate the software data
protection feature for testing or reprogramming in an
EEPROM programmer, the following six step algorithm will
reset the internal protection circuit. After tWC, the X28C010
will be in standard operating mode.
Note: Once initiated, the sequence of write operations
should not be interrupted.
System Considerations
Because the X28C010 is frequently used in large memory
arrays, it is provided with a two line control architecture for
both read and write operations. Proper usage can provide
the lowest possible power dissipation and eliminate the
possibility of contention where multiple I/O pins share the
same bus.
To gain the most benefit, it is recommended that CE be
decoded from the address bus and be used as the primary
device selection input. Both OE and WE would then be
common among all devices in the array. For a read operation
this assures that all deselected devices are in their standby
mode and that only the selected device(s) is outputting data
on the bus.
Because the X28C010 has two power modes, standby and
active, proper decoupling of the memory array is of prime
concern. Enabling CE will cause transient current spikes.
The magnitude of these spikes is dependent on the output
capacitive loading of the I/Os. Therefore, the larger the array
sharing a common bus, the larger the transient spikes. The
voltage peaks associated with the current transients can be
suppressed by the proper selection and placement of
decoupling capacitors. As a minimum, it is recommended
that a 0.1µF high frequency ceramic capacitor be used
between VCC and VSS at each device. Depending on the
size of the array, the value of the capacitor may have to be
larger.
In addition, it is recommended that a 4.7µF electrolytic bulk
capacitor be placed between VCC and VSS for each eight
devices employed in the array. This bulk capacitor is
employed to overcome the voltage droop caused by the
inductive effects of the PC board traces.
Write Data 55
to Address
2AAA
Write Data 55
to Address
2AAA
Write Data 80
to Address
5555
Write Data AA
to Address
5555
Write Data 20
to Address
5555
Write Data AA
to Address
5555
FIGURE 9. SOFTWARE SEQUENCE TO DEACTIVATE
SOFTWARE DATA PROTECTION
X28C010


Similar Part No. - X28C010DMB-15

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C010DMB-15 XICOR-X28C010DMB-15 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28C010DMB-15 INTERSIL-X28C010DMB-15 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C010DMB-15 INTERSIL-X28C010DMB-15 Datasheet
446Kb / 20P
   Protects data against system level inadvertent writes
logo
Renesas Technology Corp
X28C010DMB-15 RENESAS-X28C010DMB-15 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
More results

Similar Description - X28C010DMB-15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_09 Datasheet
363Kb / 17P
   5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com