Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C103SZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9C103SZ
Description  Digitally Controlled Pot (XDCP)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C103SZ Datasheet(HTML) 4 Page - Intersil Corporation

  X9C103SZ Datasheet HTML 1Page - Intersil Corporation X9C103SZ Datasheet HTML 2Page - Intersil Corporation X9C103SZ Datasheet HTML 3Page - Intersil Corporation X9C103SZ Datasheet HTML 4Page - Intersil Corporation X9C103SZ Datasheet HTML 5Page - Intersil Corporation X9C103SZ Datasheet HTML 6Page - Intersil Corporation X9C103SZ Datasheet HTML 7Page - Intersil Corporation X9C103SZ Datasheet HTML 8Page - Intersil Corporation X9C103SZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN8222.1
September 19, 2005
ABSOLUTE MAXIMUM RATINGS
Temperature under bias .................... -65°C to +135°C
Storage temperature ......................... -65°C to +150°C
Voltage on CS, INC, U/D and VCC
with respect to VSS .................................. -1V to +7V
Voltage on VH/RH and VL/RL
referenced to VSS ................................... -8V to +8V
∆V = |V
H/RH - VL/RL|
X9C102 ............................................................... 4V
X9C103, X9C503, and X9C104 ......................... 10V
Lead temperature (soldering, 10 seconds) ...... +300°C
IW (10 seconds) ................................................. 8.8mA
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
POTENTIOMETER CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Notes: (1) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage = [VW(n)(actual) - VW(n)(expected )] = ±1 MI Maximum.
(2) Relative linearity is a measure of the error in step size between taps = VW(n + 1) - [VW(n) + MI] = +0.2 MI.
(3) 1 MI = Minimum Increment = RTOT/99
(4) Typical values are for TA = 25°C and nominal supply voltage.
(5) This parameter is not 100% tested.
Symbol
Parameter
Limits
Unit
Test Conditions/Notes
Min.
Typ.
Max.
RTOTAL
End to end resistance variation
-20
+20
%
VVH/RH
VH terminal voltage
-5
+5
V
VVL/RL
VL terminal voltage
-5
+5
V
Power rating
16
mW
X9C102
Power rating
10
mW
X9C103/104/503
IW
Wiper current
-4.4
4.4
mA
RW
Wiper resistance
40
100
Wiper Current = ±1mA
Noise
-120
dBV
Ref. 1kHz
Resolution
1
%
Absolute linearity(1)
-1
+1
M(3)
VW(n)(actual) - VW(n)(expected)
Relative linearity(2)
-0.2
+0.2
MI(3)
VW(n + 1)(actual) - [VW(n) + MI]
RTOTAL temperature coefficient
±300
ppm/°C
X9C103/503/104
RTOTAL temperature coefficient
±600
ppm/°C
X9C102
Ratiometric temperature coefficient
±20
ppm/°C
CH/CL/CW
Potentiometer capacitances
10/10/25
pF
See Circuit #3, Macro Model
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0°C
+70°C
Industrial
-40°C
+85°C
Supply Voltage (VCC)
Limits
X9C102/103/104/503
5V ±10%
X9C102, X9C103, X9C104, X9C503


Similar Part No. - X9C103SZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C103SZ INTERSIL-X9C103SZ Datasheet
248Kb / 11P
   Digitally Controlled Potentiometer
X9C103SZ INTERSIL-X9C103SZ Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C103SZ INTERSIL-X9C103SZ Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C103SZ INTERSIL-X9C103SZ Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X9C103SZ INTERSIL-X9C103SZ Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
More results

Similar Description - X9C103SZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
X9C303 INTERSIL-X9C303 Datasheet
272Kb / 10P
   Digitally Controlled Potentiomet (XDCP)
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com