Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33274AP Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC33274AP
Description  HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33274AP Datasheet(HTML) 4 Page - ON Semiconductor

  MC33274AP Datasheet HTML 1Page - ON Semiconductor MC33274AP Datasheet HTML 2Page - ON Semiconductor MC33274AP Datasheet HTML 3Page - ON Semiconductor MC33274AP Datasheet HTML 4Page - ON Semiconductor MC33274AP Datasheet HTML 5Page - ON Semiconductor MC33274AP Datasheet HTML 6Page - ON Semiconductor MC33274AP Datasheet HTML 7Page - ON Semiconductor MC33274AP Datasheet HTML 8Page - ON Semiconductor MC33274AP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC33272A MC33274A
4
MOTOROLA ANALOG IC DEVICE DATA
2
Figure 2. Maximum Power Dissipation
versus Temperature
Figure 3. Input Offset Voltage versus
Temperature for Typical Units
Figure 4. Input Bias Current versus
Common Mode Voltage
Figure 5. Input Bias Current
versus Temperature
Figure 6. Input Common Mode Voltage
Range versus Temperature
Figure 7. Open Loop Voltage Gain
versus Temperature
TA, AMBIENT TEMPERATURE (°C)
0
20
40
60
80 100
120 140 160 180
–60 –40 –20
MC33272P & MC33274P
MC33274D
MC33272D
TA, AMBIENT TEMPERATURE (°C)
–55
–25
0
25
50
75
100
125
VCC = +15 V
VEE = –15 V
VCM = 0 V
1. VIO > 0 @ 25°C
2. VIO = 0 @ 25°C
3. VIO < 0 @ 25°C
1
3
2
1
3
VCM, COMMON MODE VOLTAGE (V)
–16
–12
–8.0
–4.0
0
4.0
8.0
12
16
VCC = +15 V
VEE = –15 V
TA = 25°C
TA, AMBIENT TEMPERATURE (°C)
–55
–25
0
25
50
75
100
125
VCC = +15 V
VEE = –15 V
VCM = 0 V
TA, AMBIENT TEMPERATURE (°C)
–55
–25
0
25
50
75
100
125
VEE
VCC
VCC = +5.0 V to +18 V
VEE = –5.0 V to –18 V
∆VIO = 5.0 mV
VO = 0 V
TA, AMBIENT TEMPERATURE (°C)
–55
–25
0
25
50
75
100
125
VCC = +15 V
VEE = –15 V
RL = 2.0 kΩ
f = 10 Hz
∆VO = –10 V to +10 V
2400
2000
1600
1200
800
400
0
5.0
3.0
1.0
–1.0
–3.0
–5.0
400
350
300
250
200
150
100
50
0
600
500
400
300
200
100
0
VCC
VCC –0.5
VCC –1.0
VCC –1.5
VCC –2.0
VEE +1.0
VEE +0.5
VEE
180
160
140
120
100


Similar Part No. - MC33274AP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33274AP ONSEMI-MC33274AP Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
MC33274AP ONSEMI-MC33274AP Datasheet
213Kb / 14P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
December, 2004 ??Rev. 7
MC33274AP ONSEMI-MC33274AP Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
MC33274APG ONSEMI-MC33274APG Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
MC33274APG ONSEMI-MC33274APG Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
More results

Similar Description - MC33274AP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
[Old version datasheet]   HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33282 ONSEMI-MC33282 Datasheet
248Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV 0
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
   High-Performance Dual Operational Amplifiers
logo
Analog Devices
AD542 AD-AD542 Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
logo
STMicroelectronics
LS404 STMICROELECTRONICS-LS404 Datasheet
209Kb / 12P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
December 1997
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
   High-Performance Dual Operational Amplifiers
logo
Burr-Brown (TI)
OPA134 BURR-BROWN-OPA134_08 Datasheet
432Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD547 AD-AD547_15 Datasheet
382Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
logo
National Semiconductor ...
LH2101A NSC-LH2101A Datasheet
85Kb / 3P
   DUAL HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com