Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C103P Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9C103P
Description  Digitally Controlled Pot (XDCP)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C103P Datasheet(HTML) 1 Page - Intersil Corporation

  X9C103P Datasheet HTML 1Page - Intersil Corporation X9C103P Datasheet HTML 2Page - Intersil Corporation X9C103P Datasheet HTML 3Page - Intersil Corporation X9C103P Datasheet HTML 4Page - Intersil Corporation X9C103P Datasheet HTML 5Page - Intersil Corporation X9C103P Datasheet HTML 6Page - Intersil Corporation X9C103P Datasheet HTML 7Page - Intersil Corporation X9C103P Datasheet HTML 8Page - Intersil Corporation X9C103P Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN8222.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9C102, X9C103, X9C104, X9C503
Digitally Controlled Potentiometer
(XDCP™)
FEATURES
• Solid-state potentiometer
• 3-wire serial interface
• 100 wiper tap points
—Wiper position stored in nonvolatile memory
and recalled on power-up
• 99 resistive elements
—Temperature compensated
—End to end resistance, ±20%
—Terminal voltages, ±5V
• Low power CMOS
—VCC = 5V
—Active current, 3mA max.
—Standby current, 750µA max.
• High reliability
—Endurance, 100,000 data changes per bit
—Register data retention, 100 years
• X9C102 = 1k
• X9C103 = 10k
• X9C503 = 50k
• X9C104 = 100k
• Packages
—8-lead SOIC and DIP
• Pb-free plus anneal available (RoHS compliant)
DESCRIPTION
The X9Cxxx are Intersil digitally controlled (XDCP)
potentiometers. The device consists of a resistor
array, wiper switches, a control section, and nonvola-
tile memory. The wiper position is controlled by a
three-wire interface.
The potentiometer is implemented by a resistor array
composed of 99 resistive elements and a wiper switch-
ing network. Between each element and at either end
are tap points accessible to the wiper terminal. The
position of the wiper element is controlled by the CS,
U/D, and INC inputs. The position of the wiper can be
stored in nonvolatile memory and then be recalled
upon a subsequent power-up operation.
The device can be used as a three-terminal potentiom-
eter or as a two-terminal variable resistor in a wide
variety of applications including:
– control
– parameter adjustments
– signal processing
BLOCK DIAGRAM
Up/Down
(INC)
Increment
Device
(U/D)
(CS)
VCC (Supply Voltage)
VSS (Ground)
7-Bit
Up/Down
Counter
7-Bit
Nonvolatile
Memory
Store and
Recall
Control
Circuitry
One
of
Hundred
Decoder
Resistor
Array
U/D
INC
CS
Transfer
VCC
GND
One-
Gates
99
98
97
96
2
1
0
Control
and
Memory
General
Detailed
RL/VL
RW/VW
RH/VH
VH/RH
RW/VW
VL/RL
Select
Data Sheet
September 19, 2005


Similar Part No. - X9C103P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9C103P XICOR-X9C103P Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9C103P INTERSIL-X9C103P Datasheet
248Kb / 11P
   Digitally Controlled Potentiometer
X9C103P INTERSIL-X9C103P Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C103P INTERSIL-X9C103P Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C103P INTERSIL-X9C103P Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9C103P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
X9C303 INTERSIL-X9C303 Datasheet
272Kb / 10P
   Digitally Controlled Potentiomet (XDCP)
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com