Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C102SIZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9C102SIZ
Description  Digitally Controlled Pot (XDCP)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C102SIZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9C102SIZ Datasheet HTML 3Page - Intersil Corporation X9C102SIZ Datasheet HTML 4Page - Intersil Corporation X9C102SIZ Datasheet HTML 5Page - Intersil Corporation X9C102SIZ Datasheet HTML 6Page - Intersil Corporation X9C102SIZ Datasheet HTML 7Page - Intersil Corporation X9C102SIZ Datasheet HTML 8Page - Intersil Corporation X9C102SIZ Datasheet HTML 9Page - Intersil Corporation X9C102SIZ Datasheet HTML 10Page - Intersil Corporation X9C102SIZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN8222.1
September 19, 2005
DETAILED PIN DESCRIPTIONS
RH/VH and RL/VL
The high (VH/RH) and low (V
L
/R
L
) terminals of the
X9C102/103/104/503 are equivalent to the fixed termi-
nals of a mechanical potentiometer. The minimum
voltage is -5V and the maximum is +5V. The terminol-
ogy of VH/RH and V
L
/R
L
references the relative position
of the terminal in relation to wiper movement direction
selected by the U/D input and not the voltage potential
on the terminal.
RW/VW
VW/RW is the wiper terminal, and is equivalent to the
movable terminal of a mechanical potentiometer. The
position of the wiper within the array is determined by
the control inputs. The wiper terminal series resistance is
typically 40
Ω.
Up/Down (U/D)
The U/D input controls the direction of the wiper move-
ment and whether the counter is incremented or dec-
remented.
Increment (INC)
The INC input is negative-edge triggered. Toggling
INC will move the wiper and either increment or decre-
ment the counter in the direction indicated by the logic
level on the U/D input.
Chip Select (CS)
The device is selected when the CS input is LOW.
The current counter value is stored in nonvolatile
memory when CS is returned HIGH while the INC
input is also HIGH. After the store operation is com-
plete the X9C102/103/104/503 device will be placed
in the low power standby mode until the device is
selected once again.
PIN CONFIGURATION
PIN NAMES
PRINCIPLES OF OPERATION
There are three sections of the X9Cxxx: the input con-
trol, counter and decode section; the nonvolatile mem-
ory; and the resistor array. The input control section
operates just like an up/down counter. The output of
this counter is decoded to turn on a single electronic
switch connecting a point on the resistor array to the
wiper output. Under the proper conditions the contents
of the counter can be stored in nonvolatile memory
and retained for future use. The resistor array is com-
prised of 99 individual resistors connected in series. At
either end of the array and between each resistor is an
electronic switch that transfers the potential at that
point to the wiper.
The wiper, when at either fixed terminal, acts like its
mechanical equivalent and does not move beyond the
last position. That is, the counter does not wrap
around when clocked to either extreme.
The electronic switches on the device operate in a
“make before break” mode when the wiper changes
tap positions. If the wiper is moved several positions,
multiple taps are connected to the wiper for tIW (INC to
VW/RW change). The RTOTAL value for the device can
temporarily be reduced by a significant amount if the
wiper is moved several positions.
When the device is powered-down, the last wiper posi-
tion stored will be maintained in the nonvolatile mem-
ory. When power is restored, the contents of the
memory are recalled and the wiper is set to the value
last stored.
VCC
CS
VL/RL
VW/RW
INC
U/D
VSS
1
2
3
4
8
7
6
5
VH/RH
X9C102/103/104/503
DIP/SOIC
Symbol
Description
VH /RH
High Terminal
VW/RW
Wiper Terminal
VL/RL
Low Terminal
VSS
Ground
VCC
Supply Voltage
U/D
Up/Down Control Input
INC
Increment Control Input
CS
Chip Select Control Input
NC
No Connection
X9C102, X9C103, X9C104, X9C503


Similar Part No. - X9C102SIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C102SIZ INTERSIL-X9C102SIZ Datasheet
248Kb / 11P
   Digitally Controlled Potentiometer
X9C102SIZ INTERSIL-X9C102SIZ Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C102SIZ INTERSIL-X9C102SIZ Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C102SIZ INTERSIL-X9C102SIZ Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X9C102SIZ INTERSIL-X9C102SIZ Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
More results

Similar Description - X9C102SIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
X9C303 INTERSIL-X9C303 Datasheet
272Kb / 10P
   Digitally Controlled Potentiomet (XDCP)
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com