Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C102SIZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9C102SIZ
Description  Digitally Controlled Pot (XDCP)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C102SIZ Datasheet(HTML) 3 Page - Intersil Corporation

  X9C102SIZ Datasheet HTML 1Page - Intersil Corporation X9C102SIZ Datasheet HTML 2Page - Intersil Corporation X9C102SIZ Datasheet HTML 3Page - Intersil Corporation X9C102SIZ Datasheet HTML 4Page - Intersil Corporation X9C102SIZ Datasheet HTML 5Page - Intersil Corporation X9C102SIZ Datasheet HTML 6Page - Intersil Corporation X9C102SIZ Datasheet HTML 7Page - Intersil Corporation X9C102SIZ Datasheet HTML 8Page - Intersil Corporation X9C102SIZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN8222.1
September 19, 2005
PIN DESCRIPTIONS
Pin
Symbol
Brief Description
1INC
Increment . The INC input is negative-edge triggered. Toggling INC will move the wiper and either
increment or decrement the counter in the direction indicated by the logic level on the U/D input.
2U/D
Up/Down. The U/D input controls the direction of the wiper movement and whether the counter
is incremented or decremented.
3RH/VH
RH/VH. The high (VH/RH) terminals of the X9C102/103/104/503 are equivalent to the fixed
terminals of a mechanical potentiometer. The minimum voltage is -5V and the maximum is +5V.
The terminology of VH/RH and V
L
/R
L
references the relative position of the terminal in
relation to wiper movement direction selected by the U/D input and not the voltage potential on
the terminal.
4
VSS
VSS
5
VW/RW
VW/RW. VW/RW is the wiper terminal, and is equivalent to the movable terminal of a mechanical
potentiometer. The position of the wiper within the array is determined by the control inputs. The
wiper terminal series resistance is typically 40
Ω.
6
RL/VL
RL/VL. The low (V
L
/R
L
) terminals of the X9C102/103/104/503 are equivalent to the fixed
terminals of a mechanical potentiometer. The minimum voltage is -5V and the maximum is +5V.
The terminology of VH/RH and V
L
/R
L
references the relative position of the terminal in
relation to wiper movement direction selected by the U/D input and not the voltage potential on
the terminal.
7CS
CS. The device is selected when the CS input is LOW. The current counter value is stored in
nonvolatile memory when CS is returned HIGH while the INC input is also HIGH. After the store op-
eration is complete the X9C102/103/104/503 device will be placed in the low power standby mode
until the device is selected once again.
8
VCC
VCC
X9C102, X9C103, X9C104, X9C503


Similar Part No. - X9C102SIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C102SIZ INTERSIL-X9C102SIZ Datasheet
248Kb / 11P
   Digitally Controlled Potentiometer
X9C102SIZ INTERSIL-X9C102SIZ Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C102SIZ INTERSIL-X9C102SIZ Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C102SIZ INTERSIL-X9C102SIZ Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X9C102SIZ INTERSIL-X9C102SIZ Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
More results

Similar Description - X9C102SIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
X9C303 INTERSIL-X9C303 Datasheet
272Kb / 10P
   Digitally Controlled Potentiomet (XDCP)
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com