Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL95711WIU10Z Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL95711WIU10Z
Description  Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95711WIU10Z Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL95711WIU10Z Datasheet HTML 4Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 5Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 6Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 7Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 8Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 9Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 10Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 11Page - Intersil Corporation ISL95711WIU10Z Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN8241.2
August 15, 2005
Communicating with the ISL95711
There are 3 register addresses in the ISL95711, of which two
can be used. Address 00h and address 02h are used to
control the device. Address 01h is reserved and should not
be used. Address 00h contains the non-volatile Initial Value
Register (IVR), and the volatile Wiper Register (WR).
Address 02h contains only a volatile word and is used as a
pointer to either the IVR or WR. See Table 1.
Register Descriptions: Access Control
The Access Control Register (ACR) is volatile and is at
address 02h. It is 8-bits, and only the MSB is significant, all
other bits should be zero (0). The ACR controls which word
is accessed at register 00h as follows:
00h = Nonvolatile IVR
80h = Volatile WR
All other bits of the ACR should be written to as zeros. Only
the MSB can be either 0 or 1. Power-up default for this
address is 00h.
Register Description: IVR and WR
The ISL95711 has a single potentiometer. The wiper of the
potentiometer is controlled directly by the WR. Writes and
reads can be made directly to this register to control and
monitor the wiper position without any non-volatile memory
changes. This is done by setting address 02h to data 80h,
then writing the data.
The non-volatile IVR stores the power-up value of the wiper.
On power-up, the contents of the IVR are transferred to the
WR.
To write to the IVR, first address 02h is set to data 00h, then
the data is written. Writing a new value to the IVR register
will set a new power-up position for the wiper. Also, writing to
this register will load the same value into the WR as the IVR.
So, if a new value is loaded into the IVR, not only will the
non-volatile IVR change, but the WR will also contain the
same value after the write, and the wiper position will
change. Reading from the IVR will not change the WR, if its
contents are different.
FIGURE 3. BYTE WRITE SEQUENCE
FIGURE 4. READ SEQUENCE
S
T
A
R
T
S
T
O
P
IDENTIFICATION
BYTE
ADDRESS
BYTE
DATA
BYTE
A
C
K
SIGNALS FROM
THE MASTER
SIGNALS FROM
THE ISL95711
A
C
K
0
0
0
11
A
C
K
WRITE
SIGNAL AT SDA
00 0 0
00 000
A1A0
0
SIGNALS
FROM THE
MASTER
SIGNALS FROM
THE SLAVE
SIGNAL AT SDA
S
T
A
R
T
IDENTIFICATION
BYTE WITH
R/W=0
ADDRESS
BYTE
A
C
K
A
C
K
00
0
11
S
T
O
P
A
C
K
0
1
0
11
IDENTIFICATION
BYTE WITH
R/W=1
A
C
K
S
T
A
R
T
LAST READ
DATA BYTE
FIRST READ
DATA BYTE
A
C
K
00
00 0
0 0
0
A1 A0
A1 A0
0
ISL95711


Similar Part No. - ISL95711WIU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95711WIU10Z INTERSIL-ISL95711WIU10Z Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
logo
Renesas Technology Corp
ISL95711WIU10Z RENESAS-ISL95711WIU10Z Datasheet
871Kb / 14P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V or 짹5V, 128 Taps I2C Serial Interface
More results

Similar Description - ISL95711WIU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23711 INTERSIL-ISL23711 Datasheet
270Kb / 9P
   Terminal Voltage - 3V or - 5V, 128 Taps IC Serial Interface
ISL23710 INTERSIL-ISL23710 Datasheet
232Kb / 8P
   Terminal Voltage -3V or -5V, 128 Taps Up/Down Interface
ISL95710 INTERSIL-ISL95710 Datasheet
238Kb / 8P
   Terminal Voltage 3V or 5V, 128 Taps Up/Down Interface
logo
Renesas Technology Corp
ISL95711 RENESAS-ISL95711 Datasheet
871Kb / 14P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V or 짹5V, 128 Taps I2C Serial Interface
ISL23711 RENESAS-ISL23711 Datasheet
510Kb / 10P
   Volatile Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹3V or 짹5V, 128 Taps I2C Serial Interface
logo
Intersil Corporation
ISL95311 INTERSIL-ISL95311 Datasheet
259Kb / 11P
   Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
logo
Renesas Technology Corp
ISL95311 RENESAS-ISL95311 Datasheet
588Kb / 12P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
logo
ON Semiconductor
CAT5136 ONSEMI-CAT5136 Datasheet
173Kb / 11P
   Digital Potentiometers (POTs) with 128 Taps and I2C Interface
July, 2013 ??Rev. 1
logo
Intersil Corporation
ISL95310 INTERSIL-ISL95310 Datasheet
135Kb / 8P
   Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
logo
Texas Instruments
TPL0401A TI1-TPL0401A Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com